Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5365 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC5365
Description  High-Performance Single 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5365 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC5365 Datasheet HTML 8Page - Microchip Technology MIC5365 Datasheet HTML 9Page - Microchip Technology MIC5365 Datasheet HTML 10Page - Microchip Technology MIC5365 Datasheet HTML 11Page - Microchip Technology MIC5365 Datasheet HTML 12Page - Microchip Technology MIC5365 Datasheet HTML 13Page - Microchip Technology MIC5365 Datasheet HTML 14Page - Microchip Technology MIC5365 Datasheet HTML 15Page - Microchip Technology MIC5365 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Micrel, Inc.
MIC5365/6
June 2012
12
M9999-062012-C
Typical Application (YC5)
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2
C1005X5R1A105K
TDK
(1)
Capacitor, 1µF Ceramic, 10V, X5R, Size 0402
2
U1
MIC5365/6-xxYC5
Micrel, Inc.
(2)
High-Performance Single 150mA LDO
1
Notes:
1.
TDK: www.tdk.com.
2.
Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com