Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5365 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5365
Description  High-Performance Single 150mA LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5365 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5365 Datasheet HTML 1Page - Microchip Technology MIC5365 Datasheet HTML 2Page - Microchip Technology MIC5365 Datasheet HTML 3Page - Microchip Technology MIC5365 Datasheet HTML 4Page - Microchip Technology MIC5365 Datasheet HTML 5Page - Microchip Technology MIC5365 Datasheet HTML 6Page - Microchip Technology MIC5365 Datasheet HTML 7Page - Microchip Technology MIC5365 Datasheet HTML 8Page - Microchip Technology MIC5365 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC5365/6
High-Performance Single 150mA LDO
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC5365/6 is an advanced general purpose linear
regulator offering high power supply rejection (PSRR) in
an ultra-small 1mm x 1mm package. The MIC5366
includes an auto-discharge feature that is activated when
the enable pin is low. The MIC5365/6 is capable of
sourcing 150mA output current and offers high PSRR
making it an ideal solution for any portable electronic
application.
Ideal for battery-powered applications, the MIC5365/6
offers 2% initial accuracy, low dropout voltage (155mV @
150mA), and low ground current (typically 29µA). The
MIC5365/6 can also be put into a zero-off-mode current
state, drawing virtually no current when disabled.
The MIC5365/6 is available in several advanced packages
including a lead-free (RoHS-compliant) 1mm x 1mm Thin
MLF
® occupying only 1mm2 of PCB area, a 75% reduction
in board area compared to SC-70 and 2mm x 2mm MLF
®
packages. It is also available in a thin SOT23-5 package.
The MIC5365/6 has an operating junction temperature
range of –40°C to 125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Tiny 1mm x 1mm thin MLF®, SC-70-5,
and thin SOT23-5 packages
• Input voltage range: 2.5V to 5.5V
• 150mA guaranteed output current
• Stable with 1µF ceramic output capacitors
• Low dropout voltage – 155mV @ 150mA
• Excellent load/line transient response
• Low quiescent current – 29µA
• High PSRR – 70dB
• Output discharge circuit – MIC5366
• High output accuracy
–
±2% initial accuracy
• Thermal-shutdown and current-limit protection
Applications
• Mobile phones
• Digital cameras
• GPS, PDAs, PMP, handhelds
• Portable electronics
___________________________________________________________________________________________________________
Typical Application
June 2012
M9999-062012-C


Similar Part No. - MIC5365

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5365 MICREL-MIC5365 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5365-1.0YC5 MICREL-MIC5365-1.0YC5 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5365-1.0YMT MICREL-MIC5365-1.0YMT Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5365-1.2YC5 MICREL-MIC5365-1.2YC5 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
More results

Similar Description - MIC5365

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
150mA CMOS High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
150mA MicroPower??High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
150mA MicroPower??High Performance LDO
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
High-Performance Dual 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com