Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC813 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC813
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC813 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC813 Datasheet HTML 3Page - Texas Instruments DAC813 Datasheet HTML 4Page - Texas Instruments DAC813 Datasheet HTML 5Page - Texas Instruments DAC813 Datasheet HTML 6Page - Texas Instruments DAC813 Datasheet HTML 7Page - Texas Instruments DAC813 Datasheet HTML 8Page - Texas Instruments DAC813 Datasheet HTML 9Page - Texas Instruments DAC813 Datasheet HTML 10Page - Texas Instruments DAC813 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
®
DAC813
gain error. The reference output may be used to drive
external loads, sourcing at least 5mA. This current should be
constant, otherwise the gain of the converter will vary.
POWER SUPPLY SENSITIVITY
Power supply sensitivity is a measure of the effect of a
power supply change on the D/A converter output. It is
defined as a ppm of FSR output change per percent of
change in either +VCC or –VCC about the nominal voltages
expressed in ppm of FSR/%. The first performance curve on
page 5 shows typical power supply rejection versus power
supply ripple frequency.
OPERATION
DAC813 is a complete single IC chip 12-bit D/A converter.
The chip contains a 12-bit D/A converter, voltage reference,
output amplifier, and microcomputer-compatible input logic
as shown in Figure 1.
INTERFACE LOGIC
Input latches hold data temporarily while a complete 12-bit
word is assembled before loading into the D/A latch. This
double-buffered organization prevents the generation of spu-
rious analog output values. Each latch is independently
addressable.
All latches are level-triggered. Data present when the con-
trol signals are logic “0” will enter the latch. When any one
of the control signals returns to logic “1”, the data is latched.
A truth table for the control signals is presented in Table II.
FIGURE 1. DAC813 Block Diagram.
TABLE II. DAC813 Interface Logic Truth Table.
WR
LLSB
LMSB LDAC RESET
OPERATION
1
X
X
X
1
No operation
XXXX
0
D/A latch set to 800HEX
0101
1
Enables 4 MSBs input latch
0011
1
Enables 8 LSBs input latch
0110
1
Loads D/A latch from input latches
0000
1
Makes all latches transparent
“X” = Don’t Care
CAUTION: DAC813 was designed to use WR as the fast
strobe. WR has a much faster logic path than EN
X (or
LDAC). Therefore, if one permanently wires WR to DCOM
and uses only EN
X to strobe data into the latches, the
DATA HOLD time will be long, approximately 15ns to
30ns, and this time will vary considerably in this range
from unit to unit. DATA HOLD time using WR is 5ns max.
LOGIC INPUT COMPATIBILITY
The DAC813 digital inputs are TTL, 5V CMOS compat-
ible over the operating range of +V
CC. The input switching
threshold remains at the TTL threshold over the supply
range. An equivalent circuit of a digital input is shown in
Figure 2.
The logic input current over temperature is low enough to
permit driving the DAC813 directly from the outputs of 5V
CMOS devices.
Open DATA input lines will float to 7V or more. Although
this will not harm the DAC813, current spikes will occur in
the input lines when a logic 0 is asserted and, in addition,
LSB
D0
25k
Ω
25k
Ω
24.9k
Ω
BPO
20V
Range
V
OUT
12-Bit D/A Converter
12-Bit D/A Latch
4-Bit Latch
4
2
3
9
8-Bit Latch
28
27
26
25
24
23
22
21
20
19
18
17
16
1
MSB
D11
D8
D7
DCOM
0–800µA
7
49.5k
Ω
6
+10V
Reference
5
8
10
+V
CC
–V
CC
ACOM
V
REF OUT
V
REF IN
11
WR
14
LMSB
15
LLSB
12
LDAC
13
Reset
20V
Range
V
L
(1)
NOTE: (1) V
L must be connected to +VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com