Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC813 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC813
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC813 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC813 Datasheet HTML 4Page - Texas Instruments DAC813 Datasheet HTML 5Page - Texas Instruments DAC813 Datasheet HTML 6Page - Texas Instruments DAC813 Datasheet HTML 7Page - Texas Instruments DAC813 Datasheet HTML 8Page - Texas Instruments DAC813 Datasheet HTML 9Page - Texas Instruments DAC813 Datasheet HTML 10Page - Texas Instruments DAC813 Datasheet HTML 11Page - Texas Instruments DAC813 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
®
8
DAC813
See page 5
for I
I
FIGURE 2. Equivalent Input Circuit for Digital Inputs.
1k
Ω*
6.8V
5pF
Digital
Input
DCOM
* R = 500
for LLSB.
Ω
I
I
the speed of the interface will be slower. A digital output
driving a DATA input line of the DAC813 must not drive,
or let the DATA input float, above +5.5V. Unused DATA
inputs should be connected to DCOM.
RESET FUNCTION
When asserted low (<0.8V), RESET (Pin 13) forces the
D/A latch to 800HEX regardless of any other input logic
condition.
If the analog output is connected for bipolar
operation (either
±10V or ±5V), the output will be reset to
Bipolar Zero (0V). If the analog output is connected for
unipolar operation (0 to +10V), the output will be reset to
half-scale (+5V).
If RESET is not used, it should be connected to a voltage
greater than +2V but not greater than +5.5V. If this voltage
is not available Reset can be connected to +VCC through a
100k
Ω to 1MΩ resistor to limit the input current.
GAIN AND OFFSET ADJUSTMENTS
Figures 3 and 4 illustrate the relationship of offset and gain
adjustments to unipolar and bipolar D/A converter output.
OFFSET ADJUSTMENT
For unipolar (USB) configurations, apply the digital input
code that should produce zero voltage output and adjust the
offset potentiometer for zero output. For bipolar (BOB,
BTC) configurations, apply the digital input code that should
produce the maximum negative output voltage and adjust
the offset potentiometer for minus full scale voltage. Ex-
ample: If the full scale range is connected for 20V, the
maximum negative output voltage is –10V. See Table III for
corresponding codes.
GAIN ADJUSTMENT
For either unipolar or bipolar configurations, apply the
digital input that should give the maximum positive voltage
output. Adjust the gain potentiometer for this positive full
scale voltage. See Table III for positive full scale voltages.
FIGURE 4. Relationship of Offset and Gain Adjustments
for a Bipolar D/A Converter.
FIGURE 3. Relationship of Offset and Gain Adjustments
for a Unipolar D/A Converter.
INSTALLATION
POWER SUPPLY CONNECTIONS
Note that the lid of the ceramic packaged DAC813 is
connected to –VCC. Take care to avoid accidental short
circuits in tightly spaced installations.
Power supply decoupling capacitors should be added as
shown in Figure 5. Optimum settling performance occurs
using a 1 to 10
µF tantalum capacitor at –V
CC and at least a
0.01
µF ceramic capacitor at +V
CC. Applications with less
critical settling time may be able to use 0.01
µF at –V
CC as
well. The 0.01
µF capacitors should be located close to the
DAC813.
Pin 1 supplies internal logic and must be connected to +VCC.
+ Full Scale
All Bits
Logic 0
1LSB
Range of
Offset Adjust
Offset Adj.
Translates
the Line
Digital Input
All Bits
Logic 1
Full Scale
Range
Gain Adjust
Rotates the Line
– Full Scale
MSB on All
Others Off
Bipolar
Offset
Range of
Gain Adjust
≈ ±1%
≈ ±0.4%
+ Full Scale
All Bits
Logic 0
1LSB
Range of
Offset Adj.
Offset Adjust Translates the Line
Digital Input
All Bits
Logic 1
Range of
Gain Adjust
Gain Adjust
Rotates the Line
≈ ±0.4%
≈ ±1%
DIGITAL INPUT
ANALOG OUTPUT
MSB to LSB
0 to +10V
±5V
±10V
FFFHEX
+9.9976V
+4.9976V
+9.9951V
800HEX
+5.0000V
0.0000V
0.0000V
7FFHEX
+4.9976V
–0.0024V
–0.0049V
000HEX
0.0000V
–5.0000V
–10.0000V
1LSB
2.44mV
2.44mV
4.88mV
TABLE III. Digital Input/Analog Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com