Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC813 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC813
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC813 Datasheet(HTML) 1 Page - Texas Instruments

  DAC813 Datasheet HTML 1Page - Texas Instruments DAC813 Datasheet HTML 2Page - Texas Instruments DAC813 Datasheet HTML 3Page - Texas Instruments DAC813 Datasheet HTML 4Page - Texas Instruments DAC813 Datasheet HTML 5Page - Texas Instruments DAC813 Datasheet HTML 6Page - Texas Instruments DAC813 Datasheet HTML 7Page - Texas Instruments DAC813 Datasheet HTML 8Page - Texas Instruments DAC813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
DAC813
25k
Ω
25k
Ω
24.9k
Ω
BPO
20V Span
20V Span
V
OUT
V
REF IN
V
REF OUT
10V
Reference
12-Bit D/A
Converter
D/A Latch
Input Latch
Input Latch
Reset
4 MSBs
8 LSBs
49.5k
Ω
48
12
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DAC813
DAC813
DAC813
Microprocessor-Compatible
12-BIT DIGITAL-TO-ANALOG CONVERTER
FEATURES
q
±1/2LSB NONLINEARITY OVER
TEMPERATURE
q GUARANTEED MONOTONIC OVER
TEMPERATURE
q LOW POWER: 270mW typ
q DIGITAL INTERFACE DOUBLE
BUFFERED: 12 AND 8 + 4 BITS
q SPECIFIED AT
±12V AND ±15V POWER
SUPPLIES
q RESET FUNCTION TO BIPOLAR ZERO
q 0.3" WIDE DIP AND SO PACKAGES
DESCRIPTION
The DAC813 is a complete monolithic 12-bit digital-
to-analog converter with a flexible digital interface.
It includes a precision +10V reference, interface con-
trol logic, double-buffered latch and a 12-bit D/A
converter with voltage output operational amplifier.
Fast current switches and laser-trimmed thin-film
resistors provide a highly accurate, fast D/A con-
verter.
Digital interfacing is facilitated by a double buffered
latch. The input latch consists of one 8-bit byte and
one 4-bit nibble to allow interfacing to 8-bit (right
justified format) or 16-bit data buses. Input gating
logic is designed so that the last nibble or byte to be
loaded can be loaded simultaneously with the transfer
of data to the D/A latch saving computer instructions.
A reset control allows the DAC813 D/A latch to
asynchronously reset the D/A output to bipolar zero,
a feature useful for power-up reset, recalibration, or
for system re-initialization upon system failure.
The DAC813 is specified to
±1/2LSB maximum lin-
earity error (J, A grades) and
±1/4LSB (K grade).
It is packaged in 28-pin 0.3" wide plastic DIP and
28-lead plastic SOIC
© 1990 Burr-Brown Corporation
PDS-1077G
Printed in U.S.A. March, 1998
SBAS004


Similar Part No. - DAC813

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813AU BURR-BROWN-DAC813AU Datasheet
298Kb / 11P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC813AU TI1-DAC813AU Datasheet
548Kb / 16P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813AU/1K TI1-DAC813AU/1K Datasheet
548Kb / 16P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC813

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com