Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8501 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC8501
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8501 Datasheet(HTML) 3 Page - Texas Instruments

  DAC8501 Datasheet HTML 1Page - Texas Instruments DAC8501 Datasheet HTML 2Page - Texas Instruments DAC8501 Datasheet HTML 3Page - Texas Instruments DAC8501 Datasheet HTML 4Page - Texas Instruments DAC8501 Datasheet HTML 5Page - Texas Instruments DAC8501 Datasheet HTML 6Page - Texas Instruments DAC8501 Datasheet HTML 7Page - Texas Instruments DAC8501 Datasheet HTML 8Page - Texas Instruments DAC8501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DAC8501
3
SBAS212A
www.ti.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (1)
Resolution
16
Bits
Relative Accuracy
±0.098
% of FSR
Differential Nonlinearity
Ensured Monotonic by Design
±1
LSB
Zero Code Error
All Zeroes Loaded to DAC Register
+5
±20
mV
Full-Scale Error
All Ones Loaded to DAC Register
–0.15
±1.25
% of FSR
Gain Error
±1.25
% of FSR
Zero Code Error Drift
±20
µV/°C
Gain Temperature Coefficient
±5
ppm of FSR/
°C
OUTPUT CHARACTERISTICS (2)
Output Voltage Range
0V
REF
V
Output Voltage Settling Time
To
±0.003% FSR
0200
H to FD00H
810
µs
R
L = 2kΩ; 0pF < CL < 200pF
R
L = 2kΩ; CL = 500pF
12
µs
Slew Rate
1V/
µs
Capacitive Load Stability
R
L = ∞
470
pF
R
L = 2kΩ to Ground
1000
pF
Code Change Glitch Impulse
1LSB Change Around Major Carry
20
nV-s
Digital Feedthrough
0.5
nV-s
DC Output Impedance
1
Ω
Short-Circuit Current
V
DD = +5V
50
mA
V
DD = +3V
20
mA
Power-Up Time
Coming Out of Power-Down Mode
V
DD = +5V
2.5
µs
Coming Out of Power-Down Mode
V
DD = +3V
5
µs
REFERENCE INPUT
Reference Current
V
REF = VDD = +5V
35
45
µA
V
REF = VDD = +3.6V
20
30
µA
Reference Input Range
0
V
DD
V
Reference Input Impedance
150
k
Ω
MULTIPLYING MODE
Small-Signal Bandwidth
350
kHz
Full-Power Bandwidth
64
kHz
LOGIC INPUTS (2)
Input Current
±1
µA
VINL, Input LOW Voltage
VDD = +5V
0.8
V
VINL, Input LOW Voltage
VDD = +3V
0.6
V
VINH, Input HIGH Voltage
VDD = +5V
2.4
V
VINH, Input HIGH Voltage
VDD = +3V
2.1
V
Pin Capacitance
3pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal mode)
DAC Active and Excluding Load Current
VDD = +3.6V to +5.5V
VIH = VDD and VIL = GND
250
400
µA
VDD = +2.7V to +3.6V
VIH = VDD and VIL = GND
240
390
µA
IDD (all power-down modes)
VDD = +3.6V to +5.5V
VIH = VDD and VIL = GND
0.2
1
µA
VDD = +2.7V to +3.6V
VIH = VDD and VIL = GND
0.05
1
µA
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2mA, VDD = +5V
89
%
TEMPERATURE RANGE
Specified Performance
–40
+105
°C
ELECTRICAL CHARACTERISTICS
V
DD = +2.7V to +5.5V, and –40°C to +105°C, unless otherwise specified.
DAC8501E
NOTES: (1) Linearity calculated using a reduced code range of 485 to 64714; output unloaded. (2) Ensured by design and characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com