Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8501 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC8501
Description  Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8501 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8501 Datasheet HTML 1Page - Texas Instruments DAC8501 Datasheet HTML 2Page - Texas Instruments DAC8501 Datasheet HTML 3Page - Texas Instruments DAC8501 Datasheet HTML 4Page - Texas Instruments DAC8501 Datasheet HTML 5Page - Texas Instruments DAC8501 Datasheet HTML 6Page - Texas Instruments DAC8501 Datasheet HTML 7Page - Texas Instruments DAC8501 Datasheet HTML 8Page - Texas Instruments DAC8501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
DIGITAL-TO-ANALOG CONVERTER
APPLICATIONS
q PROCESS CONTROL
q DATA ACQUISITION SYSTEMS
q CLOSED-LOOP SERVO-CONTROL
q PC PERIPHERALS
q PORTABLE INSTRUMENTATION
q PROGRAMMABLE ATTENUATION
DESCRIPTION
The DAC8501 is a low-power, single, 16-bit buffered voltage
output Digital-to-Analog Converter (DAC) optimized for multi-
plying operation. Its on-chip precision output amplifier allows
rail-to-rail output swing to be achieved. The DAC8501 uses a
versatile 3-wire serial interface that operates at clock rates up
to 30MHz and is compatible with standard SPI™, QSPI™,
Microwire™, and Digital Signal Processor (DSP) interfaces.
The DAC8501 requires an external reference voltage to set
the output range of the DAC. The DAC8501 incorporates a
power-on reset circuit that ensures that the DAC output
powers up at 0V and remains there until a valid write takes
place to the device. The DAC8501 contains a power-down
feature, accessed over the serial interface, that reduces the
current consumption of the device to 200nA at 5V.
The low-power consumption of this part in normal operation
makes it ideally suited to portable battery-operated equip-
ment. The power consumption is 1.2mW at 5V reducing to
1
µW in power-down mode.
The DAC8501 is available in an MSOP-8 package.
FEATURES
q microPOWER OPERATION: 250
µA at 5V
q MULTIPLYING-MODE BANDWIDTH: 350kHz
q POWER-ON RESET TO ZERO
q POWER SUPPLY: +2.7V to +5.5V
q ENSURED MONOTONIC BY DESIGN
q SETTLING TIME: 10
µs to ±0.003% FSR
q LOW-POWER SERIAL INTERFACE WITH
SCHMITT-TRIGGERED INPUTS
q ON-CHIP OUTPUT BUFFER AMPLIFIER,
RAIL-TO-RAIL OPERATION
q SYNC INTERRUPT FACILITY
q MSOP-8 PACKAGE
SPI and QSPI are registered trademarks of Motorola.
Microwire is a registered trademark of National Semiconductor.
DAC8501
SBAS212A – APRIL 2001 – REVISED FEBRUARY 2003
Copyright © 2001-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Shift Register
16
DAC Register
16
16-Bit DAC
Ref (+)
Power-Down
Control Logic
Resistor
Network
V
DD
GND
V
OUT
V
FB
SYNC
V
REF
SCLK
D
IN


Similar Part No. - DAC8501

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8501E/250 TI1-DAC8501E/250 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501E/250G4 TI1-DAC8501E/250G4 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501E/2K5 TI1-DAC8501E/2K5 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501E/2K5G4 TI1-DAC8501E/2K5G4 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC707SH TI-DAC707SH Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
DAC8541 TI-DAC8541_15 Datasheet
1Mb / 26P
16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com