Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS15BA101SD/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # DS15BA101SD/NOPB
Description  DS15BA101 1.5 Gbps Differential Buffer with Adjustable Output Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS15BA101SD/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS15BA101SD/NOPB Datasheet HTML 7Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 8Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 9Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 10Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 11Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 12Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 13Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 14Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
(1.6)
6X (0.5)
(2.8)
8X (0.25)
8X (0.6)
(2)
(R0.05) TYP
(
0.2) VIA
TYP
(0.75)
WSON - 0.8 mm max height
NGQ0008A
PLASTIC SMALL OUTLINE - NO LEAD
4214922/A 03/2018
SYMM
1
4
5
8
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:20X
9
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
EXPOSED METAL
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com