Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS15BA101SD/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # DS15BA101SD/NOPB
Description  DS15BA101 1.5 Gbps Differential Buffer with Adjustable Output Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS15BA101SD/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS15BA101SD/NOPB Datasheet HTML 1Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 2Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 3Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 4Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 5Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 6Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 7Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 8Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS15BA101
SNLS234J – OCTOBER 2006 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.5V to 3.6V
Input Voltage (all inputs)
−0.3V to VCC+0.3V
Output Current
28 mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
Lead Temperature
(Soldering 4 Sec)
+260°C
θJA WSON-8
+90.7°C/W
Package Thermal Resistance
θJC WSON-8
+41.2°C/W
ESD Rating (HBM)
5 kV
ESD Rating (MM)
250V
(1)
"Absolute Maximum Ratings" are those parameter values beyond which the life and operation of the device cannot be ensured. The
stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values.
The table of "Electrical Characteristics" specifies acceptable device operating conditions.
Recommended Operating Conditions
Supply Voltage (VCC – GND):
3.3V ±5%
Operating Free Air Temperature (TA)
DS15BA101SD
−40°C to +85°C
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1) (2)
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
VICM
Input Common Mode Voltage
See Note(3)
IN+, IN-
VCC –
0.8
V
VID/2
VID
Differential Input Voltage Swing
100
2000
mVP−P
VOS
Output Common Mode Voltage
OUT+, OUT-
VCC –
V
VOUT/2
VOUT
Output Voltage
Single-ended, 25
Ω load
400
mVP-P
RVO = 953Ω 1%,
Single-ended, 25
Ω load
800
mVP-P
RVO = 487Ω 1%,
ICC
Supply Current
See Note(4)
45
49
mA
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated
referenced to GND.
(2)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(3)
Specification is ensured by characterization.
(4)
Maximum ICC is measured at VCC = +3.465V and TA = +70°C.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS15BA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com