Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS15BA101SD/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # DS15BA101SD/NOPB
Description  DS15BA101 1.5 Gbps Differential Buffer with Adjustable Output Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS15BA101SD/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS15BA101SD/NOPB Datasheet HTML 1Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 2Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 3Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 4Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 5Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 6Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 7Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 8Page - Texas Instruments DS15BA101SD/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
OUT+
OUT-
DS15BA101
IN+
IN-
50:
50:
100: Differential T-Line
LVPECL
100:
OUT+
OUT-
DS15BA101
IN+
IN-
50:
50:
VCC
CML3.3V or CML2.5V
100:
100: Differential T-Line
OUT+
OUT-
DS15BA101
IN+
IN-
100:
100: Differential T-Line
LVDS
DS15BA101
SNLS234J – OCTOBER 2006 – REVISED APRIL 2013
www.ti.com
DEVICE OPERATION
INPUT INTERFACING
The DS15BA101 accepts either differential or single-ended input. The inputs are self-biased, allowing for simple
AC or DC coupling. DC-coupled inputs must be kept within the specified common-mode range. The IN+ and IN-
pins are self-biased at approximately 2.1V with VCC = 3.3V. The following three figures illustrate typical DC-
coupled interface to common differential drivers.
Figure 2. Typical LVDS Driver DC-Coupled Interface to DS15BA101 Input
Figure 3. Typical CML Driver DC-Coupled Interface to DS15BA101 Input
Figure 4. Typical LVPECL Driver DC-Coupled Interface to DS15BA101 Input
OUTPUT INTERFACING
The DS15BA101 uses current mode outputs. Single-ended output levels are 400 mVP-P into AC-coupled 100Ω
differential cable (with RVO = 953Ω) or into AC-coupled 50Ω coaxial cable (with RVO = 487Ω). Output level is
controlled by the value of the RVO resistor connected between the RVO and VCC.
The RVO resistor should be placed as close as possible to the RVO pin. In addition, the copper in the plane layers
below the RVO network should be removed to minimize parasitic capacitance. The following figure illustrates
typical DC-coupled interface to common differential receivers and assumes that the receivers have high
impedance inputs. While most receivers have a common mode input range that can accomodate CML signals, it
is recommended to check respective receiver's datasheet prior to implementing the suggested interface
implementation.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS15BA101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com