Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5010 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 28Page - Infineon Technologies AG TLE5010 Datasheet HTML 29Page - Infineon Technologies AG TLE5010 Datasheet HTML 30Page - Infineon Technologies AG TLE5010 Datasheet HTML 31Page - Infineon Technologies AG TLE5010 Datasheet HTML 32Page - Infineon Technologies AG TLE5010 Datasheet HTML 33Page - Infineon Technologies AG TLE5010 Datasheet HTML 34Page - Infineon Technologies AG TLE5010 Datasheet HTML 35Page - Infineon Technologies AG TLE5010 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
TLE5010
Register Table
Draft
Preliminary Data Sheet
32
V 0.9, 2007-05
9
Register Table
This chapter defines the complete address range as well as all registers of the TLE5010.
It also defines the read/write access rights of the specific registers. In the following table
values through symbols are listed. Access to the registers is done via the SSC interface.
Table 16
Address Map
Addr. Name
Bits
7
6
5
4
3
2
1
0
00H
CTRL1
-
-
-
-
SSC_
FILT
-
AUTO UR
01H
XL
XLow
02H
XH
XHigh
03H
YL
YLow
04H
YH
YHigh
05H
FCNT_
STAT
-
STAT_
VR
GMR_
OFF
UPDATE
FCNT
06H
FSYNC_
INV
FILT_
INV
FSYNC
07H
ANGT
-
ANGT_
EN
ANGT_Y
ANGT_X
08H
-
reserved
09H
-
reserved
0AH
-
reserved
0BH
-
reserved
0CH
TST
TEMP_
EN
ADCPY
FILT_
PAR
FILT_
CRS
FILT_
BYP
TST_
ADC
TST_
GMR
TST_
CHAN
0DH
ID
DEV_ID
REV_ID
0EH
LOCK
LOCK
0FH
CRTL2
VDD_
OV
VDD_
OFF
GND_
OFF
VRG_
OV
VRA_
OV
VRD_
OV
S_NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com