Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5010 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 2Page - Infineon Technologies AG TLE5010 Datasheet HTML 3Page - Infineon Technologies AG TLE5010 Datasheet HTML 4Page - Infineon Technologies AG TLE5010 Datasheet HTML 5Page - Infineon Technologies AG TLE5010 Datasheet HTML 6Page - Infineon Technologies AG TLE5010 Datasheet HTML 7Page - Infineon Technologies AG TLE5010 Datasheet HTML 8Page - Infineon Technologies AG TLE5010 Datasheet HTML 9Page - Infineon Technologies AG TLE5010 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Type
Marking
Ordering Code
Package
TLE5010
5010-2
tbd.
PG-DSO-8
GMR Based Angular Sensor
TLE5010
PG-DSO-8-3
Preliminary Data Sheet
6
V 0.9, 2007-05
Draft
1
Overview
1.1
Features
• Giant MagnetoResistance based principle
• Integrated
magnetic
field
sensing
for
angle
measurement
• Full 0 - 360° angle measurement
• Highly accurate single bit SD-ADC
•16 bit representation of sine / cosine values on the
interface
• Bidirectional SSC interface up to 2 Mbit/s
• 3 pin SSC interface, SPI compatible with open drain
• ADCs and filters are synchronized with external commands via SSC
• Test resistors for simulating angle values
• Core supply voltage 2.5 V
•0.25 µm CMOS technology
• Automotive qualified: -40°C to +150°C (Junction Temperature)
• Latch up immunity according JEDEC standard
•ESD > 2 kV (HBM)
• Green package with lead-free plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com