Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5010 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 18Page - Infineon Technologies AG TLE5010 Datasheet HTML 19Page - Infineon Technologies AG TLE5010 Datasheet HTML 20Page - Infineon Technologies AG TLE5010 Datasheet HTML 21Page - Infineon Technologies AG TLE5010 Datasheet HTML 22Page - Infineon Technologies AG TLE5010 Datasheet HTML 23Page - Infineon Technologies AG TLE5010 Datasheet HTML 24Page - Infineon Technologies AG TLE5010 Datasheet HTML 25Page - Infineon Technologies AG TLE5010 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
TLE5010
Electrical and Magnetic Parameters
Draft
Preliminary Data Sheet
22
V 0.9, 2007-05
5.6
GMR Parameters after Calibration
After calibration under the conditions specified in Table 9 "GMR calibration
conditions" on Page 19, the sensor has following remaining error:
The error value refers to BZ = 0 mT and operating conditions given in Table 3
"Operating Range ( - 40°C < TJ < 150°C )" on Page 14.
Table 10
GMR parameter with temperature dependent offset compensation
Parameter
Symbol
Limit Values
Unit Notes
min. typ.
1)
1)
At 25°C, B=30mT
max.
Overall Error
-
0.7
2,0
°
2) 3)
2)
incl. hysteresis error
3)
At 0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com