Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MX Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC32MX
Description  64/100-Pin General Purpose,32-Bit Flash Microcontrollers
PDF  544 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC32MX Datasheet HTML 30Page - Microchip Technology PIC32MX Datasheet HTML 31Page - Microchip Technology PIC32MX Datasheet HTML 32Page - Microchip Technology PIC32MX Datasheet HTML 33Page - Microchip Technology PIC32MX Datasheet HTML 34Page - Microchip Technology PIC32MX Datasheet HTML 35Page - Microchip Technology PIC32MX Datasheet HTML 36Page - Microchip Technology PIC32MX Datasheet HTML 37Page - Microchip Technology PIC32MX Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 544 page
background image
PIC32MX Starter Kit User’s Guide
DS61144D-page 30
© 2009 Microchip Technology Inc.
3.3.5
Task 5, Confirm the Configuration Settings
Click Configure>Configuration Bits to confirm that the configuration settings are cor-
rect. Typical configuration settings for the starter kit are shown in Figure 3-6.
FIGURE 3-6:
CONFIGURATION BIT SETTINGS
Note: The “Configuration Bits set in code” check box must be unchecked if the
config bits are set via this window and not in the code.
The configuration settings can also be embedded in the source file.
See the MPLAB C Compiler for PIC32 User’s Guide (DS51686) for
information.
CAUTION
Setting the PIC32 Starter Kit configuration bits to cause the PIC32MX to oper-
ate faster than the maximum 80MHz system clock speed may cause the
PIC32MX to stop communicating with the PIC18F4550 Starter Kit debugger.
Should this occur, run the sk_erase.exe utility to re-flash the PIC32MX with a
default configuration. This utility is located on the PIC32 Starter Kit CD or in
the PIC32MX Starter Kit directory:
[install directory]\PIC32 Starter Kits\tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com