Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MX Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC32MX
Description  64/100-Pin General Purpose,32-Bit Flash Microcontrollers
PDF  544 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC32MX Datasheet HTML 36Page - Microchip Technology PIC32MX Datasheet HTML 37Page - Microchip Technology PIC32MX Datasheet HTML 38Page - Microchip Technology PIC32MX Datasheet HTML 39Page - Microchip Technology PIC32MX Datasheet HTML 40Page - Microchip Technology PIC32MX Datasheet HTML 41Page - Microchip Technology PIC32MX Datasheet HTML 42Page - Microchip Technology PIC32MX Datasheet HTML 43Page - Microchip Technology PIC32MX Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 544 page
background image
PIC32MX Starter Kit User’s Guide
DS61144D-page 36
© 2009 Microchip Technology Inc.
4.2.4
Switches
Push-button switches provide the following functionality:
• SW1: Active-low switch connected to RD6
• SW2: Active-low switch connected to RD7
• SW3: Active-low switch connected to RD13
The switches do not have any debounce circuitry and require the use of internal pull-
up resistors; this allows you to investigate debounce techniques. When Idle, the
switches are pulled high (+3.3V). When pressed, they are grounded.
4.2.5
LEDs
The LEDs, RD0 through RD2, are connected to PORTD of the processor. The PORTD
pins are set high to light the LEDs.
4.2.6
Oscillator Options
The installed microcontroller has an oscillator circuit connected to it. The main oscillator
uses an 8 MHz crystal (Y2) and functions as the controller’s primary oscillator. Use of
an external crystal is not required for PIC32 designs. Your design may use the internal
oscillator, if desired.
The PIC18LF4550, at the heart of the USB subsystem, is independently clocked and
has its own 8 MHz crystal (Y1).
4.2.7
120-Pin Modular Expansion Connector
The PIC32MX Starter Kit demo board has been designed with a 120-pin modular
expansion interface, which allows the board to provide basic generic functionality now,
as well as easy extendability to new technologies as they become available.
TABLE 4-1:
STARTER BOARD CONNECTOR PART NUMBERS
Connector
HIROSE Electric PN
Starter Board Connector
FX10A-120P/12-SV1(71)
Application Board Connector
FX10A-120S/12-SV(71)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com