Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MX Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC32MX
Description  64/100-Pin General Purpose,32-Bit Flash Microcontrollers
PDF  544 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC32MX Datasheet HTML 8Page - Microchip Technology PIC32MX Datasheet HTML 9Page - Microchip Technology PIC32MX Datasheet HTML 10Page - Microchip Technology PIC32MX Datasheet HTML 11Page - Microchip Technology PIC32MX Datasheet HTML 12Page - Microchip Technology PIC32MX Datasheet HTML 13Page - Microchip Technology PIC32MX Datasheet HTML 14Page - Microchip Technology PIC32MX Datasheet HTML 15Page - Microchip Technology PIC32MX Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 544 page
background image
PIC32MX Starter Kit User’s Guide
DS61144D-page 8
© 2009 Microchip Technology Inc.
1.4
PIC32MX FUNCTIONALITY AND FEATURES
A representation of the layout of the PIC32MX Starter Kit is shown in Figure 1-1. The
board includes these key features, as indicated in the diagram:
1. PIC32MX360F512L 32-bit microcontroller
2. Green power-indicator LED
3. Regulated +3.3V power supply for powering the starter kit board via USB or
expansion board
4. On-board crystal for precision microcontroller clocking (8 MHz)
5. USB connectivity for on-board debugger communications
6. PIC18LF4550 USB microcontroller for on-board debugging
7. Orange Debug indicator LED
8. Three push-button switches for user-defined inputs
9. Three user-defined indicator LEDs
10. Connector for connecting various expansion boards (on the underside of board)
For details on these features, refer to Chapter 4. “PIC32MX Starter Kit Hardware”.
FIGURE 1-1:
PIC32MX STARTER KIT DEMO BOARD LAYOUT
1
10
7
4
5
6
3
2
8
9
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com