Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1271IPWR Datasheet(PDF) 23 Page - Texas Instruments

Part # ADS1271IPWR
Description  24-Bit, Wide Bandwidth Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1271IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS1271IPWR Datasheet HTML 19Page - Texas Instruments ADS1271IPWR Datasheet HTML 20Page - Texas Instruments ADS1271IPWR Datasheet HTML 21Page - Texas Instruments ADS1271IPWR Datasheet HTML 22Page - Texas Instruments ADS1271IPWR Datasheet HTML 23Page - Texas Instruments ADS1271IPWR Datasheet HTML 24Page - Texas Instruments ADS1271IPWR Datasheet HTML 25Page - Texas Instruments ADS1271IPWR Datasheet HTML 26Page - Texas Instruments ADS1271IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
ADS1271
SBAS306F − NOVEMBER 2004 − REVISED OCTOBER 2007
www.ti.com
23
0
−1
−2
−3
−4
−5
−6
−7
−8
−9
−10
Normalized Input Frequency (f
IN/fDATA)
0.45
0.47
0.49
0.51
0.53
0.55
Figure 56. Transition Band Response for
High-Speed and Low-Power Modes
20
0
−20
−40
−60
−80
−100
−120
−140
−160
Input Frequency (f
IN/fDATA)
016
32
4864
Figure 57. Frequency Response Out to fMOD for
High-Speed and Low-Power Modes
High-Resolution Mode
The oversampling ratio is 128 in High-Resolution mode.
Figure 58
shows
the
frequency
response
in
High-Resolution mode normalized to fDATA. Figure 59
shows the passband ripple, and the transition from
passband to stop band is illustrated in Figure 60. The
overall frequency response repeats at multiples of the
modulator frequency fMOD, (128 × fDATA), as shown in
Figure 61. The stop band of the ADS1271 provides 100dB
attenuation of frequencies that begin just beyond the
passband and continue out to fMOD. Placing an
antialiasing, low-pass filter in front of the ADS1271 inputs
is
recommended
to
limit
possible
high-amplitude
out-of-band signals and noise.
0
−20
−40
−60
−80
−100
−120
−140
0.50
Normalized Input Frequency (f
IN/fDATA)
00.25
0.75
1
Figure 58. Frequency Response for
High-Resolution Mode
0.02
0
−0.02
−0.04
−0.06
−0.08
−0.10
0.2
Normalized Input Frequency (f
IN/fDATA)
0
0.1
0.3
0.4
0.5
0.6
Figure 59. Passband Response for
High-Resolution Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com