Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1271IPWR Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS1271IPWR
Description  24-Bit, Wide Bandwidth Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1271IPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS1271IPWR Datasheet HTML 28Page - Texas Instruments ADS1271IPWR Datasheet HTML 29Page - Texas Instruments ADS1271IPWR Datasheet HTML 30Page - Texas Instruments ADS1271IPWR Datasheet HTML 31Page - Texas Instruments ADS1271IPWR Datasheet HTML 32Page - Texas Instruments ADS1271IPWR Datasheet HTML 33Page - Texas Instruments ADS1271IPWR Datasheet HTML 34Page - Texas Instruments ADS1271IPWR Datasheet HTML 35Page - Texas Instruments ADS1271IPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
ADS1271IBPW
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271B
ADS1271IBPW.B
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271B
ADS1271IBPWG4.B
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271B
ADS1271IBPWR
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271B
ADS1271IBPWR.B
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271B
ADS1271IPW
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271
ADS1271IPW.B
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271
ADS1271IPWG4
Active
Production
TSSOP (PW) | 16
90 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271
ADS1271IPWR
Active
Production
TSSOP (PW) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271
ADS1271IPWR.B
Active
Production
TSSOP (PW) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271
ADS1271IPWRG4.B
Active
Production
TSSOP (PW) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 105
ADS
1271
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com