Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1271IPWR Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS1271IPWR
Description  24-Bit, Wide Bandwidth Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1271IPWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS1271IPWR Datasheet HTML 24Page - Texas Instruments ADS1271IPWR Datasheet HTML 25Page - Texas Instruments ADS1271IPWR Datasheet HTML 26Page - Texas Instruments ADS1271IPWR Datasheet HTML 27Page - Texas Instruments ADS1271IPWR Datasheet HTML 28Page - Texas Instruments ADS1271IPWR Datasheet HTML 29Page - Texas Instruments ADS1271IPWR Datasheet HTML 30Page - Texas Instruments ADS1271IPWR Datasheet HTML 31Page - Texas Instruments ADS1271IPWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ADS1271
SBAS306F − NOVEMBER 2004 − REVISED OCTOBER 2007
www.ti.com
28
MODULATOR OUTPUT
The ADS1271 incorporates a 6th-order, single-bit,
chopper-stabilized modulator followed by a multi-stage
digital filter, which yields the conversion results. The data
stream output of the modulator is available directly,
bypassing the internal digital filter. In this mode, an
external digital filter implemented in an ASIC, FPGA, or
similar device is required. To invoke the modulator output,
float the FORMAT pin and tie DIN to DVDD. DOUT then
becomes the modulator data stream output and SCLK
becomes the modulator clock output. The DRDY/FSYNC
pin becomes an unused output and can be ignored. The
normal operation of the Frame-Sync and SPI interfaces is
disabled, and the functionality of SCLK changes from an
input to an output, as shown in Figure 66. Note that
modulator output mode is specified for the B grade device
only.
FORMAT
DIN
Modulator Data Output
Modulator Clock Output
(Float)
DOUT
DVDD
SCLK
Figure 66. Modulator Output (B-Grade Device)
In modulator output mode, the frequency of the SCLK
clock output depends on the mode selection of the
ADS1271. Table 12 lists the modulator clock output
frequency versus device mode.
Table 12. Modulator Output Clock Frequencies
MODE PIN
MODULATOR CLOCK OUTPUT
(SCLK)
0
fCLK/4
Float
fCLK/4
1
fCLK/8
Figure 67 shows the timing relationship of the modulator
clock and data outputs.
SCLK
DOUT
Modulator
Clock Output
Modulator
Data Output
(10ns max)
Figure 67. Modulator Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com