Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5413 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5413
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5413 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5413 Datasheet HTML 1Page - Texas Instruments ADS5413 Datasheet HTML 2Page - Texas Instruments ADS5413 Datasheet HTML 3Page - Texas Instruments ADS5413 Datasheet HTML 4Page - Texas Instruments ADS5413 Datasheet HTML 5Page - Texas Instruments ADS5413 Datasheet HTML 6Page - Texas Instruments ADS5413 Datasheet HTML 7Page - Texas Instruments ADS5413 Datasheet HTML 8Page - Texas Instruments ADS5413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
ADS5413
HTQFP-48(2)
PowerPAD
PHP
−40
°C to 85°C
AZ5413
ADS5413IPHP
Tray, 250
(1) For the most current product and ordering information, see the Package Option Addendum located at the end of this data sheet.
(2) Thermal pad size: 3,5 mm
× 3,5 mm
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNITS
AVDD measured with respect to AGND
−0.3 V to 3.9 V
Supply voltage range
OVDD measure with respect to OGND
−0.3 V to 3.9 V
Digital input, measured with respect to AGND
−0.3 V to AVDD + 0.3 V
Reference inputs Vrefb or Vreft, measured with respect to AGND
−0.3 V to AVDD + 0.3 V
Analog inputs Vinp or Vinn, measured with respect to AGND
−0.3 V to AVDD + 0.3 V
Maximum storage temperature
150
°C
Soldering reflow temperature
235
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS(1)
MIN
NOM
MAX
UNIT
ENVIRONMENTAL
Operating free-air temperature, TA
−40
85
°C
SUPPLIES
Analog supply voltage, V(AVDD)
3
3.3
3.6
V
Output driver supply voltage, V(OVDD)
1.6
3.6
V
ANALOG INPUTS
Input common-mode voltage
CML(2)
V
Differential input voltage range
2
VPP
CLOCK INPUTS, CLK AND CLKC
Sample rate, fS = 1/tc
5
65
MHz
Differential input swing (see Figure 17)
1
6
VPP
Differential input common-mode voltage (see Figure 18)
1.65
V
Clock pulse width high, tw(H) (see Figure 16, with DCA off)
6.92
ns
Clock pulse width low, tw(L) (see Figure 16, with DCA off)
6.92
ns
(1) Recommended by design and characterization but not tested at final production unless specified under the electrical characteristics section.
(2) See V(CML) in the internal reference generator section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com