Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5413 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5413
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5413 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5413 Datasheet HTML 1Page - Texas Instruments ADS5413 Datasheet HTML 2Page - Texas Instruments ADS5413 Datasheet HTML 3Page - Texas Instruments ADS5413 Datasheet HTML 4Page - Texas Instruments ADS5413 Datasheet HTML 5Page - Texas Instruments ADS5413 Datasheet HTML 6Page - Texas Instruments ADS5413 Datasheet HTML 7Page - Texas Instruments ADS5413 Datasheet HTML 8Page - Texas Instruments ADS5413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
4
ELECTRICAL CHARACTERISTICS (CONTINUED)
over operating free-air temperature range, clock frequency = 65 MSPS, 50% clock duty cycle (AVDD = OVDD = 3.3 V), duty cylce adjust off,
internal reference, AIN = −1 dBFS, 1.2-VPP square differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE (Continued)
fIN = 14 MHz
90
fIN = 39 MHz
90
HD2
Second order harmonic
fIN = 70 MHz
90
dBc
HD2
Second order harmonic
fIN = 150 MHz
83
dBc
fIN = 220 MHz
72
fIN = 14 MHz
77.5
fIN = 39 MHz
79
HD3
Third order harmonic
fIN = 70 MHz
81
dBc
HD3
Third order harmonic
fIN = 150 MHz
69
dBc
fIN = 220 MHz
77
Two tone IMD rejection, A1,2 = −7 dBFS
f1 = 220 MHz,
f2 = 225 MHz
69
dBc
Analog input bandwidth
−3 dB BW respect to −3 dBFS input at low
frequency
1
GHz
TIMING CHARACTERISTICS
25
°C, CL = 10 pF
MIN
TYP
MAX
UNIT
Aperture delay
2
ns
td(A)
Aperture jitter
0.4
ps
td(Pipe)
Latency
6
Cycles
td1
Propagation delay from clock input to beginning of data stable(1)
8
td2
Propagation delay from clock input to end of data stable(1)
DCS off, OVDD = 1.8 V
20.3
ns
td1
Propagation delay from clock input to beginning of data stable(1)
7
td2
Propagation delay from clock input to end of data stable(1)
DCS off, OVDD = 3.3 V
20.3
ns
td1
Propagation delay from clock input to beginning of data stable(1)
10
td2
Propagation delay from clock input to end of data stable(1)
DCS on, OVDD = 1.8 V
22.3
ns
td1
Propagation delay from clock input to beginning of data stable(1)
9
td2
Propagation delay from clock input to end of data stable(1)
DCS on, OVDD = 3.3 V
22.3
ns
(1) Data stable if VO < 10% OVDD or VO > 90% OVDD
TIMING DIAGRAM
VINP
CLK
D[0:11]
Data N−7
tw(H)
tw(L)
td(A)
Sample N
tc
td2(O)
td(Pipe)
Data N−6
Data N−5
Data N−4
Data N−3
Data N−2
Data N−1
Data N
Data N+1
Data N+2
td1(O)
Figure 1. ADS5413 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com