Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5413 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS5413
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5413 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5413 Datasheet HTML 7Page - Texas Instruments ADS5413 Datasheet HTML 8Page - Texas Instruments ADS5413 Datasheet HTML 9Page - Texas Instruments ADS5413 Datasheet HTML 10Page - Texas Instruments ADS5413 Datasheet HTML 11Page - Texas Instruments ADS5413 Datasheet HTML 12Page - Texas Instruments ADS5413 Datasheet HTML 13Page - Texas Instruments ADS5413 Datasheet HTML 14Page - Texas Instruments ADS5413 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
11
EQUIVALENT CIRCUITS
Figure 26. References
Figure 27. Analog Input Stage
φ1′
φ1′
φ1
φ1
φ2
φ2
CML
CML
AVDD
CML
AGND
450
Ω
550
Ω
VREFT
R2
R2
R1
R1
BAND
GAP
VINP
VINN
VREFB
120
Ω
2 pF
2 pF
Figure 28. Clock Inputs
AVDD
CLK
AGND
R1
5 k
Ω
R2
5 k
Ω
AGND
AVDD
AVDD
R1
5 k
Ω
R2
5 k
Ω
CLKC
AGND
To
Timing
Circuits
OGND
OVDD
20
Ω
D0−D11
Figure 29. Digital Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com