Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 12 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE, NON-INCENDIVE INCREMENTAL OR ABSOLUTE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 12 Page - Sensata Technologies, Inc.

Back Button LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. LP35 Datasheet HTML 10Page - Sensata Technologies, Inc. LP35 Datasheet HTML 11Page - Sensata Technologies, Inc. LP35 Datasheet HTML 12Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LP Series
Nonincendive Magnetic Encoder Models : HH_9/AH_9/ HH_B/AH_B
HX_9/AX_9/HX_B/AX_B
SPECIAL CONDITIONS FOR SAFE USE
The equipment shall be installed in an enclosure that provides a degree of protection not less than IP54 in accordance with IEC/EN
60079-15.
Provision must be made to prevent the rated voltage being exceeded by transients of more than 140%. Power with (NEC) Class 2
supply.
Encoders are intended to be used in an area of not more than pollution degree 2
ASSEMBLY CAUTION: DO NOT OPEN WHEN ENERGIZED
For electrical installation use the standard EN/IEC 60079-14.
For maintenance, use the standard EN 60079-17.
The encoder must be returned to the manufacturer for repair or service. The unit is factory sealed and there are no adjustments or
maintenance required.
Electrical Ratings: 4.75-30Vdc, 7.6VA max
EU Declaration of Conformity
UL Declaration of Conformity
Models HH_9, HX_9, AH_9, AX_9, HH_B, HX_B, AH_B and AX_B non-sparking/nonincendive variations are recognized components which
comply with the following standards as defined in UL File E78446, Vol. 4 and shall be marked: Class I, Div. 2, Groups A,B,C,D and
-40°C to +85° and T4
UL 121201, 9th Edition, Rev 2017-09-15, Nonincendive Electrical Equipment for Use in Class I and II, Division 2 and Class III, Divisions 1 and 2
Hazardous (Classified) Locations
UL 508, 17th Ed., Rev. 2010-04-15, Industrial Control Equipment
CSA C22.2 No. 213-17, 3rd Edition, Sept-2017, Nonincendive Electrical Equipment for Use in Class I and II, Division 2 and Class III, Divisions 1
and 2 Hazardous (Classified) Locations
CAN/CSA C22.2 No. 14-10, 11th Ed., Rev. 2011-08-01, Industrial Control Equipment
The notified organization responsible for the follow-up inspections for this UL recognized product is (assessed by):
UL International (France) SA
Espace Technologique de Saint-Aubin, Immeuble Explorer
Route de l’Orme des Merisiers – F-91190 SAINT AUBIN
Identification No. 675
NI Installation sheet AH_9/HH_9/AH_B/HH_B - P/N 2000/013 Rev. B
UL – ATEX – IECEx certified
BEI SENSORS Europe
9, rue de Copenhague
Espace Européen de l’Entreprise-Schiltigheim
BP 70044 - 67013 STRASBOURG Cedex France
Tel: +33 (0)3-88-20-80-80 | Fax: +33 (0)3-88-20-87-87
email: info@beisensors.com
BEI SENSORS North America
1461 Lawrence Dr | Thousand Oaks, CA 91320 USA
Tel: 800-350-2727 or 805-716-0322
Fax: 800-960-2726 or 805-968-3154
email: beisales@beisensors.com
www.beisensors.com
BEI Sensors, certifies that non-sparking Models HH_9, HX_9, AH_9, AX_9, HH_B, HX_B, AH_B and AX_B and all resolutions, channel and
output type options as noted on the IECEx and DEMKO certificates cited below,
With the following inscriptions:
II 3 G Ex nA IIC T4 Gc
Designed and manufactured to comply with these directives: ATEX: 2014/34/EU and EMC: 2014/30/EU
Complies with these standards:
ATEX: EN60079-0:2018, EN60079-15:2010,
IECEx: IEC60079-0:2017, IEC60079-15:2010
A comparative study of the standards EN 60079-0 (2012+A11 2013 and 2018), shows that the product is not concerned by the
substantial modifications.
As detailed in EC type examination certificates: DEMKO 17 ATEX 1877X and IECEx UL 17.0043X
Product Quality Assurance Notification: LCIE 03 ATEX Q8060
Product Quality Assurance Report: FR/LCI/QAR08.0002
The following standards were also investigated for this certification: EN 60-529, NFC 23-520, NFC 23-539, EN 50081-1, EN 55022 classe
B, EN 55014, EN 61000-6-2, CEI 61000-4-2, CEI 61000-4-3, CEI61000-4-4, CEI 61000-4-5, CEI 61000-4-6, CEI 61000-4-8, CEI 61000-4-11
The notified organization responsible for the follow-up of the ATEX directive is (assessed by):
LCIE, B.P.8, F92260 Fontenay-aux-Roses
Identification No. 0081
The company in charge of certification CEM is:
LCIE BUREAU VERITAS,
Aire de la Thur 68840 Pulversheim
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com