Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE, NON-INCENDIVE INCREMENTAL OR ABSOLUTE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  LP35 Datasheet HTML 1Page - Sensata Technologies, Inc. LP35 Datasheet HTML 2Page - Sensata Technologies, Inc. LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.sensata.com
Page 2
Copyright © 2022 Sensata Technologies, Inc.
Electrical
Cable or M12 Connection Shaft Options
Through Hollow Shaft
Blind Hollow Shaft
Shaft with Integrated coupling
Solid Shaft
SPEED (RPM)
0
5
10
15
20
25
30
35
40
45
0
1000
2000
3000
4000
5000
6000
7000
Chart 1. Speed vs Temperature
(Temperature on this chart to be added to ambient temperature. Do not exceede maximum temperature on datasheet.)
Absolute
Incremental
Output Format
SSI compatible (RS422)
Two channels in quadrature + index and complements
Resolution
Up to 16 BITS
Up to 10,000 CPT
Encoder Accuracy
±0.1°
Supply Voltage Vcl
5-30 Vdc
Cable or M12: 5-30V (28/V) and 4.75-30V (28/5)
Terminal Box: 11-30V (28/VR),5-30V (28/V) and 4.75-
30V (28/5)
Supply Current (No Loads)
75mA Typ
Cable or M12: 75mA
Terminal Box: 100mA (28/VR), 75mA (28/V and 28/5)
Current Per Channel Pair
40mA max
Cable or M12: 40mA
Terminal Box: 60mA (28/VR), 40mA (28/V and 28/5)
Voltage / Output
28/SI:
SSI RS485 w/o parity
28/SR:
SSI RS485 reinforced w/o parity
Terminal Box version only
28/V: Line driver 5-30 V In/Out; PushPull
28/5: Line driver with 5 V (TTL) regulated output
28/VR: Push Pull 11-30V reinforced. Terminal Box
version only
Short Circuit Proof
28/SI: Yes (except to V+)
28/SR: Yes
Cable or M12: Yes (28/V) and Yes (except to Vcl) (28/5)
Terminal Box: Yes (28/VR), (28/V) and (28/5) except
to Vcl
Reverse Polarity Tolerant
Yes
Wiring Fault Tolerant & Overvoltage Prot.
28/SI: No
28/SR: Yes
Cable or M12: No
Terminal Box: Yes Up to 60Vdc (28/VR) and No (28/V
and 28/5)
Frequency Response
Cable or M12: Up to 1MHz
Terminal Box: Up to 300kHz (28/VR), Up to 1MHz (28/V and 28/5)
Output Terminations
Cable, M12 or Terminal Box
EMC
EN 61000-6-2 : 2005, see user manual for details
EN 61000-6-4 : 2017 + A1 : 2011, see user manual for details
Isolation
1000V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com