Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE, NON-INCENDIVE INCREMENTAL OR ABSOLUTE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  LP35 Datasheet HTML 1Page - Sensata Technologies, Inc. LP35 Datasheet HTML 2Page - Sensata Technologies, Inc. LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Page 1
www.sensata.com
Copyright © 2022 Sensata Technologies, Inc.
MODEL LP35 | LP SERIES
LOW PROFILE, NON-INCENDIVE INCREMENTAL OR ABSOLUTE ENCODER
SPECIFICATIONS
Features
Mechanical
• Certified for Class 1, Div 2 (Zone 2), Group A, B, C, D Hazardous
Areas
• Low profile package saves space
• Excellent resistance to shock and vibration
• 30mm standard through shaft, PEEK reduction hub available
• High protection level of IP66
• High performance in temperatures from –40°C to +85°C
• Resolutions up to 10,000 PPR, incremental or 16 BITS absolute
• Terminal box, M12 or cable output terminations
• Encapsulated electronics
• TTL and HTL electronics
• Reinforced electrical output available on some incremental and
absolute models
• Wiring fault tolerant with terminal box connection
• Long cable drive capability
Housing Size
Standard: Ø 90mm X 26mm deep
Terminal Box: 128mm tall X 116mm wide X 25mm deep. (See dimensional drawings for detail)
Shaft Size
Hollow Shaft: Ø 1/2” to Ø 30 mm” blind or through
Solid Shaft: Ø12 mm x 20 mm with keyway, Ø 3/8“x 7/8“ with flat
Hollow Shaft w/ Integrated Coupling: 14mm, 20mm, 1/2”, 3/4”
Permissible Shaft Loads
Axial: 40 N
Radial: 80 N
Shaft Runout
Hollow Shaft: 0.1 mm [0.004”] TIR
Solid Shaft: 0.02 mm [0.001”] TIR
Hollow Shaft w/ Integrated Coupling: N/A (B)
Static/ Dynamic Torque
30 / 300 mN.m [4.2/ 42 oz-in] @ 25°C
Bearings
6807 - Sealed
Material
Cover: Clear anodized aluminum
Body: Clear anodized aluminum
Shaft: AISI 303 stainless steel
Bearing Life L
10h
(Theoretical Mechanical Lifetime)
> 18 X 109 turns / 100000 hours
Continuous Max. Speed
6000 RPM, (Reference Chart 1. Speed vs Temperature)
Shaft Moment of Inertia
< 84000 g.mm2[11.9 x 10-3 oz*in*sec2 ]
Weight (approx.)
Terminal Box: 790g
M12 or cable: 450g


Similar Part No. - LP35

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LP35 SENSATA-LP35 Datasheet
1Mb / 8P
LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
LP35 SENSATA-LP35 Datasheet
1Mb / 12P
LOW PROFILE PROGRAMMABLE ENCODER
Rev.07/29/19
LP35 SENSATA-LP35 Datasheet
1Mb / 11P
LOW PROFILE INCREMENTAL OR ABSOLUTE ENCODER
Rev.07/22/19
LP35 SENSATA-LP35 Datasheet
1Mb / 8P
LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
logo
FLEXTRAL
LP35 FLEXTRAL-LP35 Datasheet
322Kb / 1P
LP35 LPG Gas Hose
V04.21
More results

Similar Description - LP35

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.0 ASM-SENSOR-WS7.0 Datasheet
266Kb / 6P
Absolute or Incremental Encoder
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
Position Sensor with Absolute or Incremental Encoder
WS60 ASM-SENSOR-WS60 Datasheet
481Kb / 12P
absolute or incremental encoder output
logo
Bourns Electronic Solut...
EMS22A BOURNS-EMS22A Datasheet
391Kb / 5P
Non-Contacting Absolute Encoder
EMS22Q BOURNS-EMS22Q Datasheet
331Kb / 4P
Non-Contacting Incremental Encoder
EMS22A BOURNS-EMS22A_13 Datasheet
384Kb / 5P
Non-Contacting Absolute Encoder
EMS22A50-B28-LS6 BOURNS-EMS22A50-B28-LS6 Datasheet
384Kb / 5P
Non-Contacting Absolute Encoder
EMS22Q BOURNS-EMS22Q_14 Datasheet
351Kb / 5P
Non-Contacting Incremental Encoder
PER56 BOURNS-PER56 Datasheet
458Kb / 3P
56 mm Low Profile Incremental Ring Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com