Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC245 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74AC245
Description  CDx4AC245, CDx4ACT245 Octal-Bus Transceiver, Three-State, Non-Inverting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC245 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74AC245 Datasheet HTML 2Page - Texas Instruments CD74AC245 Datasheet HTML 3Page - Texas Instruments CD74AC245 Datasheet HTML 4Page - Texas Instruments CD74AC245 Datasheet HTML 5Page - Texas Instruments CD74AC245 Datasheet HTML 6Page - Texas Instruments CD74AC245 Datasheet HTML 7Page - Texas Instruments CD74AC245 Datasheet HTML 8Page - Texas Instruments CD74AC245 Datasheet HTML 9Page - Texas Instruments CD74AC245 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
-40°C TO 85°C
-55°C TO 125°C
UNIT
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
VOL
Low-
level
output
voltage
VIH or VIL
0.05
4.5
0.1
0.1
0.1
V
24
4.5
0.36
0.44
0.5
751
5.5
1.65
501
5.5
1.65
V
II
Input
leakage
current
VCC or GND
5.5 V
± 0.1
± 1
± 1
µA
IOZ
Three-
state or
leakage
current
VIH or
VILVO =
VCC or
GND
5.5 V
± 0.5
± 5
± 10
µA
ICC
Quiesce
nt
supply
current
MSI
VCC or GND
0
5.5 V
8
80
160
µA
∆ ICC
Addition
al
supply
current
per input
pin TTL
inputs
high 1
unit load
VCC -2.1
4.5 to
5.5
2.4
2.8
3
mA
1. Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current
and measuring voltage to minimize power dissipation. Test verifies a minimum 50Ω transmission-line-drive
capability at 85°C, 75Ω at 125°C.
4.5 Switching Characteristics
Input tr, tf = 3ns, CL = 50pF (Worst Case). Over recommended operating free-air temperature range (unless otherwise noted)
(see Load Circuit and Voltage Waveforms)
PARAMETER
VCC (V)
-40°C TO 85°C
-55°C TO 125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
tPLH, tPHL
Propagation delay, data to
output
1.5
96
106
ns
3.3
3.2
10.8
3
11.9
5
2.2
7.7
2.1
8.5
tPLZ, tPHZ
Propagation delay, output
disable to output
1.5
159
175
ns
3.3
4.7
15.9
4.4
17.5
5
3.7
12.7
3.5
14
tPZL, tPZH
Propagation delay, output
enable to output
1.5
159
175
ns
3.3
5.6
19
5.3
21
5
3.7
12.7
3.5
VOHV
Minimum (Valley) VOH During
switching of other outputs
(output under test not
switching)
5
4 at 25°C
4 at 25°C
V
CD54AC245, CD74AC245, CD54ACT245, CD74ACT245
SCHS245D – NOVEMBER 1998 – REVISED APRIL 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC245 CD74AC245 CD54ACT245 CD74ACT245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com