Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC245 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74AC245
Description  CDx4AC245, CDx4ACT245 Octal-Bus Transceiver, Three-State, Non-Inverting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC245 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC245 Datasheet HTML 1Page - Texas Instruments CD74AC245 Datasheet HTML 2Page - Texas Instruments CD74AC245 Datasheet HTML 3Page - Texas Instruments CD74AC245 Datasheet HTML 4Page - Texas Instruments CD74AC245 Datasheet HTML 5Page - Texas Instruments CD74AC245 Datasheet HTML 6Page - Texas Instruments CD74AC245 Datasheet HTML 7Page - Texas Instruments CD74AC245 Datasheet HTML 8Page - Texas Instruments CD74AC245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CDx4AC245, CDx4ACT245 Octal-Bus Transceiver, Three-State, Non-Inverting
1 Features
• Buffered inputs
• Typical propagation delay
– 4ns at VCC = 5V, TA = 25°C, CL = 50pF
• SCR-latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST™/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ± 24mA output drive current
– Fanout to 15 FAST™ ICs
– Drives 50Ω transmission line
2 Description
The 'AC245 and 'ACT245 are octal-bus transceivers
that utilize Advanced CMOS Logic technology.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CD74AC245/
CD74ACT245
N (PDIP, 20)
24.33mm × 9.4mm
24.33mm × 6.35mm
DW (SOIC, 20)
12.80mm × 10.3mm
12.80mm × 7.50mm
CD54AC245/
CD54ACT245
J (CDIP, 20)
24.2mm × 7.62mm
24.2mm × 6.92mm
CD74ACT245
DB (SSOP, 20)
7.2mm × 7.8mm
7.2mm × 5.3mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram (Positive Logic)
CD54AC245, CD74AC245, CD54ACT245, CD74ACT245
SCHS245D – NOVEMBER 1998 – REVISED APRIL 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - CD74AC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245 TI-CD74AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245 TI-CD74AC245 Datasheet
437Kb / 16P
Octal-Bus Transceiver Three-State, Non-Inverting
CD74AC245E TI-CD74AC245E Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245E TI-CD74AC245E Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Similar Description - CD74AC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
Octal Bus Transceiver Three-State, Non-Inverting
July 1998
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
HCTS245T INTERSIL-HCTS245T Datasheet
93Kb / 3P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
logo
Texas Instruments
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
Octal-Bus Transceiver Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_08 Datasheet
467Kb / 16P
Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Renesas Technology Corp
HCTS245MS RENESAS-HCTS245MS Datasheet
539Kb / 10P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com