| Electronic Components Datasheet Search |
|
WM8994ECS/R Datasheet(PDF) 45 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R Datasheet(HTML) 45 Page - Cirrus Logic |
|
45 / 363 page ![]() WM8994 Rev 4.6 45 MICROPHONE INPUTS Up to four microphones can be connected to the WM8994, either in single-ended or differential mode. A dedicated PGA is provided for each microphone input. Two low noise microphone bias circuits are provided, reducing the need for external components. For single-ended microphone inputs, the microphone signal is connected to the inverting input of the PGAs (IN1LN, IN2LN, IN1RN or IN2RN). The non-inverting inputs of the PGAs are internally connected to VMID in this configuration. The non-inverting input pins IN1LP, IN2LP, IN1RP and IN2RP are free to be used as line connections to the input or output mixers in this configuration. For differential microphone inputs, the non-inverted microphone signal is connected to the non- inverting input of the PGAs (IN1LP, IN2LP, IN1RP or IN2RP) , whilst the inverted (or ‘noisy ground’) signal is connected to the inverting input pins (IN1LN, IN2LN, IN1RN and IN2RN). The gain of the input PGAs is controlled via register settings, as defined in Table 4. Note that the input impedance of both inverting and non-inverting inputs changes with the input PGA gain setting, as described unde r “Electrical Characteristics”. See also the “Applications Information” for details of input resistance at all PGA Gain settings. The microphone input configurations are illustrated in Figure 13 and Figure 14. Note that any PGA input pin that is used in either microphone configuration is not available for use as a line input path at the same time. MIC GND To input mixers PGA VMID MICBIAS IN1LN, IN2LN, IN1RN, IN2RN IN1LP, IN2LP, IN1RP, IN2RP MIC GND To input mixers PGA VMID MICBIAS IN1LN, IN2LN, IN1RN, IN2RN IN1LP, IN2LP, IN1RP, IN2RP Figure 13 Single-Ended Microphone Input Figure 14 Differential Microphone Input MICROPHONE BIAS CONTROL There are two MICBIAS generators which provide low noise reference voltages suitable for powering silicon (MEMS) microphones or biasing electret condenser (ECM) type microphones via an external resistor. The MICBIAS voltages can be independently enabled using the MICB1_ENA and MICB2_ENA control bits; the voltage of each can be selected using the MICB1_LVL and MICB2_LVL register bits as detailed in Table 1. An external decoupling capacitor is required on each of the MICBIAS outputs, and must be connected whenever the associated MICBIAS output is enabled. Enabling either of the MICBIAS outputs with no external capacitor may result in degraded device performance and is not recommended. Refer to the “Applications Information” section for recommended external components. When a MICBIAS output is disabled, the output pin can be configured to be floating or to be actively discharged. This is selected using the MICB1_DISCH and MICB2_DISCH register btis. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |