| Electronic Components Datasheet Search |
|
WM8994ECS/R Datasheet(PDF) 9 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R Datasheet(HTML) 9 Page - Cirrus Logic |
|
9 / 363 page ![]() WM8994 Rev 4.6 9 PIN NO NAME TYPE DESCRIPTION G6 HPOUT1R Analogue Output Right headphone output F9 HPOUT2N Analogue Output Earpiece speaker inverted output F8 HPOUT2P Analogue Output Earpiece speaker non-inverted output D7 IN1LN Analogue Input Left channel single-ended MIC input / Left channel negative differential MIC input C8 IN1LP Analogue Input Left channel line input / Left channel positive differential MIC input B7 IN1RN Analogue Input Right channel single-ended MIC input / Right channel negative differential MIC input C7 IN1RP Analogue Input Right channel line input / Right channel positive differential MIC input B9 IN2LN/ DMICDAT1 Analogue Input / Digital Input Left channel line input / Left channel negative differential MIC input / Digital MIC data input 1 B8 IN2LP/VRXN Analogue Input Left channel line input / Left channel positive differential MIC input / Mono differential negative input (RXVOICE -) A9 IN2RN/ DMICDAT2 Analogue Input / Digital Input Right channel line input / Right channel negative differential MIC input / Digital MIC data input 2 A8 IN2RP/VRXP Analogue Input Left channel line input / Left channel positive differential MIC input / Mono differential positive input (RXVOICE +) D4 LDO1ENA Digital Input Enable pin for LDO1 E9 LDO1VDD Supply Supply for LDO1 D5 LDO2ENA Digital Input Enable pin for LDO2 D1 LDO2VDD Supply Supply for LDO2 C5 LINEOUT1N Analogue Output Negative mono line output / Positive left or right line output B5 LINEOUT1P Analogue Output Positive mono line output / Positive left line output C4 LINEOUT2N Analogue Output Negative mono line output / Positive left or right line output B4 LINEOUT2P Analogue Output Positive mono line output / Positive left line output A6 LINEOUTFB Analogue Input Line output ground loop noise rejection feedback E3 LRCLK1 Digital Input / Output Audio interface 1 left / right clock D3 MCLK1 Digital Input Master clock 1 A7 MICBIAS1 Analogue Output Microphone bias 1 B6 MICBIAS2 Analogue Output Microphone bias 2 A5 REFGND Supply Analogue ground H1 SCLK Digital Input Control interface clock input F3 SDA Digital Input / Output Control interface data input and output / 2-wire acknowledge output A1 SPKGND1 Supply Ground for speaker driver (Return path for SPKVDD1) C1 SPKGND2 Supply Ground for speaker driver (Return path for SPKVDD2) A3 SPKMODE Digital Input Mono / Stereo speaker mode select B1 SPKOUTLN Analogue Output Left speaker negative output A2 SPKOUTLP Analogue Output Left speaker positive output C3 SPKOUTRN Analogue Output Right speaker negative output B3 SPKOUTRP Analogue Output Right speaker positive output B2 SPKVDD1 Supply Supply for speaker driver 1 (Left channel) C2 SPKVDD2 Supply Supply for speaker driver 2 (Right channel) C9 VMIDC Analogue Output Midrail voltage decoupling capacitor E6 VREFC Analogue Output Bandgap reference decoupling capacitor |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |