| Electronic Components Datasheet Search |
|
WM8994ECS/R Datasheet(PDF) 243 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R Datasheet(HTML) 243 Page - Cirrus Logic |
|
243 / 363 page ![]() WM8994 Rev 4.6 243 Table 141 describes the status of the WM8994 digital I/O pins when the Power On Reset has completed, prior to any register writes. The same conditions apply on completion of a Software Reset (described in the “Software Reset and Device ID” section). PIN NO NAME TYPE RESET STATUS DBVDD power domain A3 SPKMODE Digital Input Pull-up to DBVDD A4 CIFMODE Digital Input Pull-down to DGND D4 LDO1ENA Digital Input Pull-down to DGND D5 LDO2ENA Digital Input Pull-down to DGND G2 CS/ADDR Digital Input Pull-down to DGND H1 SCLK Digital Input Digital input F3 SDA Digital Input/Output Digital input D3 MCLK1 Digital Input Digital input E1 GPIO2/MCLK2 Digital Input Pull-down to DGND G1 BCLK1 Digital Input/Output Digital input E3 LRCLK1 Digital Input/Output Digital input G3 ADCLRCLK1/GPIO1 Digital Input/Output Digital input E4 DACDAT1 Digital Input Digital input F2 ADCDAT1 Digital Output Digital output H2 GPIO3/BCLK2 Digital Input/Output Digital input, Pull-down to DGND F4 GPIO4/LRCLK2 Digital Input/Output Digital input, Pull-down to DGND H3 GPIO5/DACDAT2 Digital Input/Output Digital input, Pull-down to DGND G4 GPIO6/ADCLRCLK2 Digital Input/Output Digital input, Pull-down to DGND E5 GPIO7/ADCDAT2 Digital Input/Output Digital input, Pull-down to DGND H4 GPIO8/DACDAT3 Digital Input/Output Digital input, Pull-down to DGND F5 GPIO9/ADCDAT3 Digital Input/Output Digital input, Pull-down to DGND H5 GPIO10/LRCLK3 Digital Input/Output Digital input, Pull-down to DGND F6 GPIO11/BCLK3 Digital Input/Output Digital input, Pull-down to DGND MICBIAS1 power domain C6 DMICCLK Digital Output Digital output B9 IN2LN/DMICDAT1 Analogue Input/Digital Input Analogue input A9 IN2RN/DMICDAT2 Analogue Input/Digital Input Analogue input Table 141 WM8994 Digital I/O Status in Reset Note that the dual function IN2LN/DMICDAT1 and IN2RN/DMICDAT2 pins default to IN2LN or IN2RN (analogue input) after Power On Reset is completed. The IN2LN and IN2RN functions are referenced to the AVDD1 power domain. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |