Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA137UA/2K5 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA137UA/2K5
Description  AUDIO DIFFERENTIAL LINE RECEIVERS ±6dB (G = 1/2 or 2)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA137UA/2K5 Datasheet(HTML) 5 Page - Texas Instruments

  INA137UA/2K5 Datasheet HTML 1Page - Texas Instruments INA137UA/2K5 Datasheet HTML 2Page - Texas Instruments INA137UA/2K5 Datasheet HTML 3Page - Texas Instruments INA137UA/2K5 Datasheet HTML 4Page - Texas Instruments INA137UA/2K5 Datasheet HTML 5Page - Texas Instruments INA137UA/2K5 Datasheet HTML 6Page - Texas Instruments INA137UA/2K5 Datasheet HTML 7Page - Texas Instruments INA137UA/2K5 Datasheet HTML 8Page - Texas Instruments INA137UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
®
INA137, INA2137
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±18V, and G = 1/2, unless otherwise noted.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
40
30
20
10
0
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
100
80
60
40
RTO
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
120
100
80
60
40
20
0
–PSR
RTO
+PSR
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–20
–15
–10
–5
0
5
10
15
20
80
60
40
20
0
–20
–40
–60
–80
V
REF = 0V
R
L = 2kΩ
G = 1/2
V
S = ±18V
GAIN vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
10
0
–10
–20
–30
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
130
120
110
100
90
R
L = 100kΩ
R
L = 2kΩ
Dual Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com