Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA137UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA137UA/2K5
Description  AUDIO DIFFERENTIAL LINE RECEIVERS ±6dB (G = 1/2 or 2)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA137UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  INA137UA/2K5 Datasheet HTML 1Page - Texas Instruments INA137UA/2K5 Datasheet HTML 2Page - Texas Instruments INA137UA/2K5 Datasheet HTML 3Page - Texas Instruments INA137UA/2K5 Datasheet HTML 4Page - Texas Instruments INA137UA/2K5 Datasheet HTML 5Page - Texas Instruments INA137UA/2K5 Datasheet HTML 6Page - Texas Instruments INA137UA/2K5 Datasheet HTML 7Page - Texas Instruments INA137UA/2K5 Datasheet HTML 8Page - Texas Instruments INA137UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©1997 Burr-Brown Corporation
PDS-1391B
Printed in U.S.A. July, 1997
DESCRIPTION
The INA137 and INA2137 are differential line receivers
consisting of high performance op amps with on-chip
precision resistors. They are fully specified for high
performance audio applications and have excellent ac
specifications, including low distortion (0.0005% at
1kHz) and high slew rate (14V/
µs), assuring good
dynamic response. In addition, wide output voltage
swing and high output drive capability allow use in a
wide variety of demanding applications. The dual ver-
sion features completely independent circuitry for low-
est crosstalk and freedom from interaction, even when
overdriven or overloaded.
The INA137 and INA2137 on-chip resistors are laser
trimmed
for
accurate
gain
and
optimum
common-mode rejection. Furthermore, excellent TCR
tracking of the resistors maintains gain accuracy and
common-mode rejection over temperature. Operation
is guaranteed from
±4V to ±18V (8V to 36V total
supply).
The INA137 is available in 8-pin DIP and SO-8
surface-mount packages. The INA2137 comes in
14-pin DIP and SO-14 surface-mount packages. Both
are specified for operation over the extended industrial
temperature range, –40
°C to +85°C.
®
FEATURES
q SINGLE AND DUAL VERSIONS
q LOW DISTORTION: 0.0005% at f = 1kHz
q HIGH SLEW RATE: 14V/
µs
q FAST SETTLING TIME: 3
µs to 0.01%
q WIDE SUPPLY RANGE:
±4V to ±18V
q LOW QUIESCENT CURRENT: 2.9mA max
q HIGH CMRR: 90dB
q FIXED GAIN =
±6dB
q PACKAGES—SINGLE: 8-PIN DIP, SO-8
DUAL: 14-PIN DIP, SO-14
APPLICATIONS
q AUDIO DIFFERENTIAL LINE RECEIVER
q G = 1/2 OR G = 2 AMPLIFIER
q INSTRUMENTATION BUILDING BLOCK
q CURRENT SHUNT MONITOR
q VOLTAGE-CONTROLLED CURRENT
SOURCE
q GROUND LOOP ELIMINATOR
INA137
INA2137
AUDIO DIFFERENTIAL LINE RECEIVERS
±6dB (G = 1/2 or 2)
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
INA137
INA137
INA2137
INA2137
Sense A
INA2137
Out A
V+
Ref A
–In A
+In A
12
13
14
2
11
V–
4
3
12k
Ω
6k
Ω
12k
Ω
6k
Ω
12k
Ω
6k
Ω
12k
Ω
6k
Ω
B
A
Sense B
Out B
Ref B
–In B
+In B
10
9
8
6
5
Sense
INA137
Output
V+
Ref
–In
+In
5
6
1
2
7
V–
4
3
12k
Ω
6k
Ω
6k
Ω
12k
Ω
SBOS072


Similar Part No. - INA137UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA137UA/2K5 BURR-BROWN-INA137UA/2K5 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
INA137UA/2K5G4 BURR-BROWN-INA137UA/2K5G4 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
More results

Similar Description - INA137UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134 Datasheet
260Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
INA137 BURR-BROWN-INA137 Datasheet
251Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB G = 1/2 or 2
INA134 BURR-BROWN-INA134_06 Datasheet
203Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
INA137 BURR-BROWN-INA137_07 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
250MHz Differential Line Receivers
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
logo
Texas Instruments
INA2134-EP TI1-INA2134-EP Datasheet
620Kb / 18P
AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
INA134 TI1-INA134 Datasheet
1Mb / 20P
AUDIO DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com