Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA137UA/2K5 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA137UA/2K5
Description  AUDIO DIFFERENTIAL LINE RECEIVERS ±6dB (G = 1/2 or 2)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA137UA/2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA137UA/2K5 Datasheet HTML 5Page - Texas Instruments INA137UA/2K5 Datasheet HTML 6Page - Texas Instruments INA137UA/2K5 Datasheet HTML 7Page - Texas Instruments INA137UA/2K5 Datasheet HTML 8Page - Texas Instruments INA137UA/2K5 Datasheet HTML 9Page - Texas Instruments INA137UA/2K5 Datasheet HTML 10Page - Texas Instruments INA137UA/2K5 Datasheet HTML 11Page - Texas Instruments INA137UA/2K5 Datasheet HTML 12Page - Texas Instruments INA137UA/2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
®
INA137, INA2137
FIGURE 4. Precision Summing Amplifier.
FIGURE 5. Boosting Output Current.
FIGURE 6. High Input Impedance Instrumentation Amplifier.
The difference amplifier is a highly versatile building
block that is useful in a wide variety of applications. See
the INA105 data sheet for additional applications ideas,
including:
• Current Receiver with Compliance to Rails
•
±10V Precision Voltage Reference
•
±5V Precision Voltage Reference
• Precision Average Value Amplifier
• Precision Bipolar Offsetting
• Precision Summing Amplifier with Gain
• Instrumentation Amplifier Guard Drive Generator
• Precision Summing Instrumentation Amplifier
• Precision Absolute Value Buffer
• Precision Voltage-to-Current Converter with Differential
Inputs
• Differential Input Voltage-to-Current Converter for Low
IOUT
• Isolating Current Source
• Differential Output Difference Amplifier
• Isolating Current Source with Buffering Amplifier for
Greater Accuracy
• Window Comparator with Window Span and Window
Center Inputs
• Precision Voltage-Controlled Current Source with Buff-
ered Differential Inputs and Gain
BUF634
+In
–In
5
6
1
6
3
3
V
O
INA137
12k
Ω
6k
Ω
12k
Ω
6k
Ω
2
5
6
3
INA137
2
1
V
0
0utput
V
1
1/2
OPA2134
1/2
OPA2134
R
2
6k
Ω
G = 2
12k
Ω
6k
Ω
12k
Ω
R
2
R
1
–In
V
2
+In
V
O = 2 (1 + 2R2/R1) (V2 –V1)
V
1
V
2
5
6
1
3
V
0 = 2V1 + V2
INA137
2
6k
Ω
6k
Ω
12k
Ω
12k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com