Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA271-HT Datasheet(PDF) 1 Page - Texas Instruments

Part # INA271-HT
Description  VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271-HT Datasheet(HTML) 1 Page - Texas Instruments

  INA271-HT Datasheet HTML 1Page - Texas Instruments INA271-HT Datasheet HTML 2Page - Texas Instruments INA271-HT Datasheet HTML 3Page - Texas Instruments INA271-HT Datasheet HTML 4Page - Texas Instruments INA271-HT Datasheet HTML 5Page - Texas Instruments INA271-HT Datasheet HTML 6Page - Texas Instruments INA271-HT Datasheet HTML 7Page - Texas Instruments INA271-HT Datasheet HTML 8Page - Texas Instruments INA271-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
A1
A2
Single-Pole Filter
Capacitor
+2.7V to +18V
5kW
5kW
96kW
R
L
PRE OUT
BUF IN
GND
OUT
IN-
IN+
V+
Load
-16V to +80V
Supply
R
S
INA271
INA271-HT
www.ti.com
SBOS521D – SEPTEMBER 2010 – REVISED AUGUST 2013
VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
Check for Samples: INA271-HT
1
FEATURES
DESCRIPTION
The INA271 is a current-shunt monitor with voltage
Wide Common-Mode Range: –16V to +80V
output and can sense drops across current shunts at
CMRR: 78dB
common-mode
voltages
from
–16V
to
+80V,
Accuracy:
independent of the supply voltage. The INA271
±10mV Offset (max)
pinouts readily enable filtering.
±7.5% Gain Error (max)
The INA271 is available with a 20V/V output voltage
100
μV/°C Offset Drift (max)
scale. The 130kHz bandwidth simplifies use in
Bandwidth: Up to 130kHz
current-control loops.
Transfer Function: 20V/V
The INA271 operates from a single +2.7V to +18V
Quiescent Current: 1600
μA (max)
supply, drawing a maximum of 1600
μA of supply
current. This device is specified over the extended
Power Supply: +2.7V to +18V
operating temperature range of –55°C to +210°C.
Provision for Filtering
APPLICATIONS
Down-Hole Drilling
High Temperature Environments
SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
Controlled Baseline
One Assembly/Test Site
One Fabrication Site
Available in Extreme (–55°C/210°C)
Temperature Range (1)
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
Texas Instruments high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended
temperatures.
(1)
Custom temperature ranges available
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA271-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
More results

Similar Description - INA271-HT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA270 TI-INA270_15 Datasheet
746Kb / 26P
INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
INA206 TI1-INA206 Datasheet
1Mb / 39P
Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com