Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA271-HT Datasheet(PDF) 10 Page - Texas Instruments

Part # INA271-HT
Description  VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271-HT Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA271-HT Datasheet HTML 6Page - Texas Instruments INA271-HT Datasheet HTML 7Page - Texas Instruments INA271-HT Datasheet HTML 8Page - Texas Instruments INA271-HT Datasheet HTML 9Page - Texas Instruments INA271-HT Datasheet HTML 10Page - Texas Instruments INA271-HT Datasheet HTML 11Page - Texas Instruments INA271-HT Datasheet HTML 12Page - Texas Instruments INA271-HT Datasheet HTML 13Page - Texas Instruments INA271-HT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
a) Single-Pole Filter
b) Second-Order, Sallen-Key Filter
A1
A2
Single-Pole Filter
Capacitor
+2.7V to +18V
5kW
5kW
96kW
R
L
PRE OUT
BUF IN
GND
Output
IN-
IN+
V+
Load
Supply
R
S
INA271
A1
A2
Second-Order, Sallen-Key Filter Connection
+2.7V to +18V
C
FILT
C
FILT
5kW
5kW
96kW
R
L
PRE OUT
BUF IN
GND
Output
IN-
IN+
V+
Load
Supply
R
S
R
S
INA271
INA271-HT
SBOS521D – SEPTEMBER 2010 – REVISED AUGUST 2013
www.ti.com
TRANSIENT PROTECTION
resistors in series with the inputs since the internal
gain resistors can vary up to ±30%, but is tightly
The –16V to +80V common-mode range of the
matched (if gain accuracy is not important, then
INA271 is ideal for withstanding automotive fault
resistors can be added in series with the INA271
conditions ranging from 12V battery reversal up to
inputs with two equal resistors on each input).
+80V
transients,
since
no
additional
protective
components are needed up to those levels. In the
OUTPUT VOLTAGE RANGE
event that the INA271 is exposed to transients on the
inputs in excess of their ratings, external transient
The output of the INA271 is accurate within the
absorption with semiconductor transient absorbers
output voltage swing range set by the power-supply
(zeners or Transzorbs) will be necessary.
pin, V+.
Use of MOVs or VDRs is not recommended except
The INA271 readily enables the inclusion of filtering
when they are used in addition to a semiconductor
between the preamp output and buffer input. Single-
transient absorber. Select the transient absorber such
pole filtering can be accomplished with a single
that it will never allow the INA271 to be exposed to
capacitor because of the 96k
Ω output impedance at
transients greater than 80V (that is, allow for transient
PRE OUT on pin 3, as shown in Figure 17a.
absorber tolerance, as well as additional voltage
The INA271 readily lends itself to second-order
because of transient absorber dynamic impedance).
Sallen-Key configurations, as shown in Figure 17b.
Despite
the
use
of
internal
zener-type
ESD
When designing these configurations consider that
protection, the INA271 is not suited to using external
the PRE OUT 96k
Ω output impedance exhibits an
initial variation of ±30% with the addition of a
–2200ppm/°C temperature coefficient.
Figure 17. The INA271 can be easily connected for first- or second-order filtering. Remember to use the
appropriate buffer gain of 2 when designing Sallen-Key configurations.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: INA271-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com