Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902MPWREP Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2902MPWREP
Description  QUADRUPLE OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2902MPWREP Datasheet(HTML) 5 Page - Texas Instruments

  LM2902MPWREP Datasheet HTML 1Page - Texas Instruments LM2902MPWREP Datasheet HTML 2Page - Texas Instruments LM2902MPWREP Datasheet HTML 3Page - Texas Instruments LM2902MPWREP Datasheet HTML 4Page - Texas Instruments LM2902MPWREP Datasheet HTML 5Page - Texas Instruments LM2902MPWREP Datasheet HTML 6Page - Texas Instruments LM2902MPWREP Datasheet HTML 7Page - Texas Instruments LM2902MPWREP Datasheet HTML 8Page - Texas Instruments LM2902MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
LM2902-EP
SGLS335A – APRIL 2006 – REVISED APRIL 2006
at specified free-air temperature, V
CC = 5 V (unless otherwise noted)
TA(2)
LM2902-EP
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP(3)
MAX
VCC = 5 V to 26 V,
25
°C
3
7
VIO
Input offset voltage
mV
VIC = VICRmin, VO = 1.4 V
Full range
10
IIO
25
°C
2
50
Input offset current
VO = 1.4 V
nA
Full range
300
25
°C
–20
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–500
0 to
25
°C
VCC– 1.5
Common-mode input voltage
VICR
VCC = 5 V to 26 V
V
range
0 to
Full range
VCC– 2
RL = 10 kΩ
25
°C
VCC– 1.5
VOH
High-level output voltage
VCC = 26 V, RL = 2 kΩ
Full range
22
V
VCC = 26 V, RL ≥ 10 kΩ
25
°C
23
24
VOL
Low-level output voltage
RL≤ 10 kΩ
Full range
5
20
mV
25
°C
100
Large-signal differential voltage
VCC = 15 V, VO = 1 V to 11 V,
AVD
V/mV
amplification
RL≥ 2 kΩ
Full range
15
CMRR
Common-mode rejection ratio
VIC = VICRmin
25
°C
50
80
dB
kSVR
Supply-voltage rejection ratio
50
100
dB
25
°C
(
∆V
CC/∆VIO)
VO1/VO2 Crosstalk attenuation
f = 1 kHz to 20 kHz
25
°C
120
dB
25
°C
–20
–30
VCC = 15 V, VID = 1 V, VO = 0
mA
Full range
–10
IO
Output current
25
°C
10
20
VCC = 15 V, VID = –1 V, VO = 15 V
mA
Full range
5
VID = –1 V, VO = 200 mV
25
°C
30
µA
IOS
Short-circuit output current
VCC at 5 V, VO = 0, GND at –5 V
25
°C
±40
±60
mA
VO = 2.5 V, No load
Full range
0.7
1.2
ICC
Supply current (four amplifiers)
mA
VCC = 26 V, VO = 0.5 VCC, No load
Full range
1.4
3
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
(2)
Full range is –55
°C to 125°C.
(3)
All typical values are at TA = 25°C.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com