Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902MPWREP Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2902MPWREP
Description  QUADRUPLE OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2902MPWREP Datasheet(HTML) 1 Page - Texas Instruments

  LM2902MPWREP Datasheet HTML 1Page - Texas Instruments LM2902MPWREP Datasheet HTML 2Page - Texas Instruments LM2902MPWREP Datasheet HTML 3Page - Texas Instruments LM2902MPWREP Datasheet HTML 4Page - Texas Instruments LM2902MPWREP Datasheet HTML 5Page - Texas Instruments LM2902MPWREP Datasheet HTML 6Page - Texas Instruments LM2902MPWREP Datasheet HTML 7Page - Texas Instruments LM2902MPWREP Datasheet HTML 8Page - Texas Instruments LM2902MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
D OR PW PACKAGE
(TOP VIEW)
DESCRIPTION
LM2902-EP
SGLS335A – APRIL 2006 – REVISED APRIL 2006
QUADRUPLE OPERATIONAL AMPLIFIER
•
Common-Mode Input Voltage Range Includes
Ground, Allowing Direct Sensing Near
•
Controlled Baseline
Ground
– One Assembly/Test Site, One Fabrication
•
Differential Input Voltage Range Equal to
Site
Maximum-Rated Supply Voltage:
•
Extended Temperature Performance of -55
°C
– Non-V devices . . . 26 V
to 125
°C
– V-Suffix devices . . . 32 V
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
•
V-Suffix devices . . . 32 V D Open-Loop
Differential Voltage Amplification . . . 100
•
Enhanced Product-Change Notification
V/mV Typ
•
Qualification Pedigree
•
Internal Frequency Compensation
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
•
ESD Protection <500 V Per MIL-STD-883,
Method 3015; Exceeds 200 V Using Machine
Model C = 200 pF, R = 0); 1500 V Using
Charged Device Model
•
ESD Human Body Model >2 kV Machine
Model >200 V and Charge Device Model = 2
kV For K-Suffix Devices.
•
Low Supply-Current Drain Independent of
Supply Voltage . . . 0.8 mA Typ
•
Low Input Bias and Offset Parameters:
– Input Offset Voltage . . . 3 mV Typ
– Input Offset Current . . . 2 nA Typ
– Input Bias Current . . . 20 nA Typ
This device consists of four independent high-gain frequency-compensated operational amplifiers that are
designed specifically to operate from a single supply over a wide range of voltages. Operation from split supplies
is possible when the difference between the two supplies is 3 V to 26 V (3 V to 32 V for V-suffixed devices) and
VCC is at least 1.5 V more positive than the input common-mode voltage. The low supply-current drain is
independent of the magnitude of the supply voltage.
Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational-amplifier
circuits that now can be more easily implemented in single-supply voltage systems. For example, the LM2902
can be operated directly from the standard 5-V supply that is used in digital systems and easily provides the
required interface electronics without requiring additional
±15-V supplies.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2902MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2902MPWREP TI1-LM2902MPWREP Datasheet
499Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIER
LM2902MPWREP(2) TI1-LM2902MPWREP(2) Datasheet
499Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIER
More results

Similar Description - LM2902MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902-Q1 TI-LM2902-Q1 Datasheet
222Kb / 10P
QUADRUPLE OPERATIONAL AMPLIFIER
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
Quadruple Operational Amplifiers
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM124-SP TI1-LM124-SP Datasheet
193Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIER
LM2902-EP TI1-LM2902-EP Datasheet
499Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM2902-Q1 NSC-LM2902-Q1 Datasheet
850Kb / 15P
QUADRUPLE OPERATIONAL AMPLIFIER
logo
Cystech Electonics Corp...
LM324QD CYSTEKEC-LM324QD Datasheet
573Kb / 10P
Quadruple Operational Comparator
2012.12.11
logo
Texas Instruments
LM2902-EP TI1-LM2902-EP_15 Datasheet
499Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIER
LM324-MIL TI1-LM324-MIL Datasheet
944Kb / 25P
Quadruple Operational Amplifier
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com