Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902MPWREP Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2902MPWREP
Description  QUADRUPLE OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2902MPWREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2902MPWREP Datasheet HTML 2Page - Texas Instruments LM2902MPWREP Datasheet HTML 3Page - Texas Instruments LM2902MPWREP Datasheet HTML 4Page - Texas Instruments LM2902MPWREP Datasheet HTML 5Page - Texas Instruments LM2902MPWREP Datasheet HTML 6Page - Texas Instruments LM2902MPWREP Datasheet HTML 7Page - Texas Instruments LM2902MPWREP Datasheet HTML 8Page - Texas Instruments LM2902MPWREP Datasheet HTML 9Page - Texas Instruments LM2902MPWREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
LM2902-EP
SGLS335A – APRIL 2006 – REVISED APRIL 2006
at specified free-air temperature, V
CC = 5 V (unless otherwise noted)
TA(2)
LM2902KV-EP
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP(3)
MAX
25
°C
3
7
Non-A
VCC = 5 V to 32 V,
devices
Full range
10
VIO
Input offset voltage
VIC = VICRmin, VO =
mV
25
°C
1
3
A-suffix
1.4 V
devices
Full range
4.5
∆V
IO/∆T
Temperature drift
RS = 0 Ω
Full range
7
µV/°C
VO = 1.4 V
25
°C
2
50
IIO
Input offset current
nA
Full range
150
∆V
IO/∆T
Temperature drift
Full range
10
pA/
°C
VO = 1.4 V
25
°C
–20
–250
IIB
Input bias current
nA
Full range
–500
0 to
25
°C
VCC– 1.5
Common-mode input voltage
VICR
VCC = 5 V to 32 V
V
range
0 to
Full range
VCC– 2
RL = 10 kΩ
25
°C
VCC– 1.5
VOH
High-level output voltage
VCC = 32 V,
RL = 2 kΩ
Full range
26
V
VCC = 32 V,
RL≥ 10 kΩ
Full range
27
VOL
Low-level output voltage
RL = 10 kΩ
Full range
5
20
mV
VCC = 15 V, VO = 1 V to 11 V,
25
°C
25
100
Large-signal differential
AVD
V/mV
RL≥ 2 kΩ
voltage amplification
Full range
15
Amplifier-to-amplifier
f = 1 kHz to 20 kHz, input referred
25
°C
120
dB
coupling(4)
CMRR
Common-mode rejection ratio
VIC = VICRmin
25
°C
60
80
dB
Supply-voltage rejection ratio
kSVR
25
°C
60
100
dB
(
∆V
CC /∆VIO)
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25
°C
120
dB
VCC = 15, VID = 1 V,
VO = 0
25
°C
–20
–30
mA
Full range
–10
VCC = 15 V, VID = -1 V, VO = 15 V
25
°C
10
20
IO
Output current
mA
Full range
5
VID = –1 V,
VO = 200
25
°C
12
40
µA
mV
VCC at 5 V,
VO = 0,
IOS
Short-circuit output current
25
°C
±40
±60
mA
GND at –5 V
VO = 2.5 V,
No load
Full range
0.7
1.2
Supply current (four
ICC
mA
VCC = 32 V,
No load
amplifiers)
Full range
1.4
3
VO = 0.5 VCC,
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
(2)
Full range is –55
°C to 125°C.
(3)
All typical values are at TA = 25°C.
(4)
Due to proximity of external components, ensure that coupling is not originating via stray capacitance between these external parts.
Typically, this can be detected, as this type of coupling increases at higher frequencies.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com