Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33800 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33800 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Document Number: MC33800
Rev. 5.0, 10/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Engine Control Integrated
Circuit
The 33800 is a combination output switch and driver Integrated
Circuit (IC) which can be used in numerous powertrain applications.
The IC contains two programmable constant current drivers (CCD),
an octal, low side, serial switch (OSS), and six, external MOSFET
gate pre-drivers (GD). The IC has over-voltage, under-voltage, and
thermal protection. All drivers and switches, including the external
MOSFETs, have over-current protection, off-state open load
detection, on-state shorted load detection, and fault annunciation via
the serial peripheral interface (SPI).
Additional features include: Low power Sleep Mode, Heated
Exhaust Gas Oxygen (HEGO) sensor diagnostics, output control via
serial and/or parallel inputs, PWM capability, and programmable
current output with dithering. These features, along with cost effective
packaging, make the 33800 ideal for Powertrain Engine Control
applications.
Features
• Wide operating voltage range, 5 < VPWR < 36V
• Interfaces to 3.3V and 5V microprocessors via SPI protocol
• Low, Sleep Mode, standby current, typically 10uA.
• Internal or external voltage reference
• Internal oscillator with calibrate capability
• Measures resistance to monitor HEGO sensors
• CCDs have programmable current, dither frequency and amplitude
• OSSs can be paralleled to increase current capability
• GDs have programmable frequency and duty cycle PWM
• All outputs controllable via serial and/or parallel inputs
• Pb-free packaging designated by suffix code EK
Figure 1. MC33800 Simplified Application Diagram
ENGINE CONTROL
EK SUFFIX (Pb-FREE)
98ASA99334D
54-PIN SOICW-EP
33800
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MCZ33800EK/R2
-40°C to 125°C
54 SOICW EP
VDD
VPWR
DEFAULT
VDD
SI
SO
SCLK
CS
MOSI
MISO
AN0
OUT1
33800
SCLK
CS
GND
VBAT
OUT8
CCD1_OUT
CCD2_OUT
VPWR
VBAT
VBAT
VDSNS1
GD1
GD6
PWM1
PWM6
CCD1_REC
CCD2_REC
MCU
VCAL
REXT
RI_REF
LRFDBK
P1,P3,P5,P7
2.5V
VDSNS6
EN
{
{
VSSNS456
VSSNS123
VPWR


Similar Part No. - 33800

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3380 3M-3380 Datasheet
28Kb / 2P
Aluminum Foil Tape
logo
List of Unclassifed Man...
3380 ETC-3380 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3380 HEYCO-3380 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Tyco Electronics
338068 MACOM-338068 Datasheet
57Kb / 1P
CONNECTOR, FEMALE-ON-BOARD TOP-ENTRY, THRU-HOLE, WITH LATCHES, MICRO-MATCH
logo
TE Connectivity Ltd
338068 TEC-338068 Datasheet
1Mb / 6P
Quick Reference Guide .050 CENTERLINE MICRO-MATCH CONNECTOR SERIES
More results

Similar Description - 33800

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7089 NTE-NTE7089 Datasheet
18Kb / 2P
Integrated Circuit Motor Control Circuit
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
Automotive Engine Control
FDBL86361_F085 FAIRCHILD-FDBL86361_F085 Datasheet
401Kb / 6P
Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
Automotive Engine Control
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com