Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48821TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM48821TL/NOPB
Description  LM48821 Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48821TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48821TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35
MONOPHONIC OUTPUT POWER (W)
THD=1%
THD=10%
VDD=4V
VDD=3V
VDD=2V
0
50
100
150
200
250
300
1.5
2
2.5
3
3.5
4
4.5
POWER SUPPLY VOLTAGE (V)
THD=1%
THD=10%
0
50
100
150
200
250
300
1.5
2
2.5
3
3.5
4
4.5
POWER SUPPLY VOLTAGE (V)
THD=1%
THD=10%
0
50
100
150
200
250
300
1.5
2
2.5
3
3.5
4
4.5
POWER SUPPLY VOLTAGE (V)
THD=1%
THD=10%
0
50
100
150
200
250
300
1.5
2
2.5
3
3.5
4
4.5
POWER SUPPLY VOLTAGE (V)
THD=1%
THD=10%
+0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
100 200
1k 2k
10k
FREQUENCY (Hz)
LM48821, LM48821TLEVAL
www.ti.com
SNAS354A – JUNE 2007 – REVISED MAY 2013
Typical Performance Characteristics (continued)
PSRR vs Frequency
Output Power vs Voltage Supply
VDD = 4V, RL = 32Ω
RL = 16Ω, Mono
Figure 45.
Figure 46.
Output Power vs Voltage Supply
Output Power vs Voltage Supply
RL = 32Ω, Mono
RL = 16Ω, Stereo
Figure 47.
Figure 48.
Output Power vs Voltage Supply
Output Power vs Power Dissipation
RL = 32Ω, Stereo
VDD = 2V, 3V, 4V, RL = 16Ω, Mono
Figure 49.
Figure 50.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48821 LM48821TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com