Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48821TL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM48821TL/NOPB
Description  LM48821 Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48821TL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM48821TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
4
3
2
1
IN A-
IN B-
I
2
CVDD
PVDD
CCP+
SDA
IN B+
IN A+
SGND
VOB
SCL
PGND
CCP-
VSS
VOA
SVDD
A
D
C
B
IN A
-
IN A
+
IN B
+
IN B
-
SCL
SDA
I
2
CVDD
-
+
+
-
VOB
Bias
Control
Charge
Pump
Digital
Control
System
I
2
C Digitally
Controlled
Analog Volume
Control
Interface
0.47 PF
0.47 PF
0.47 PF
0.47 PF
SGND
PGND
CCP+
CCP-
VSS
4.7 PF
4.7 PF
VDD
VOA
4.7 PF
0.1 PF
SVDD
PVDD
0.1 PF
LM48821, LM48821TLEVAL
SNAS354A – JUNE 2007 – REVISED MAY 2013
www.ti.com
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
Connection Diagram
Figure 2. DSBGA - Top View
See YZR0016 Package
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM48821 LM48821TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com