Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48821TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM48821TL/NOPB
Description  LM48821 Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48821TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM48821TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48821TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM48821, LM48821TLEVAL
SNAS354A – JUNE 2007 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage
4.5V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation (4)
Internally Limited
ESD Susceptibility (5)
2000V
ESD Susceptibility (6)
200V
Junction Temperature
150°C
Thermal Resistance
θJA (typ) - (DSBGA)
(4)
105°C/W
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not specify performance limits. Electrical Characteristics state DC and AC electrical specifications
under particular test conditions which ensure specific performance limits. This assumes that the device is within the Operating Ratings.
Specifications are for parameters where no limit is given, however, the typical value is a good indication of device performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM48821, see power derating currents for more information.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model, 220pF - 240pF discharged through all pins.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage
PVDD and SVDD
2.0V
≤ VDD ≤ 4.0V
I2CVDD
1.8V
≤ I2CVDD ≤ 4.0V
Audio Amplifier Electrical Characteristics VDD = 3V
(1)
The following specifications apply for VDD = 3V, RL = 16Ω, AV = 0dB, unless otherwise specified. Limits apply for TA = 25°C.
LM48821
Units
Symbol
Parameter
Conditions
Typical (2)
Limits
(Limits)
(3) (4)
VIN = 0V, inputs terminated,
3.0
4.5
mA (max)
both channels enabled
IDD
Quiescent Power Supply Current
VIN = 0V, inputs terminated,
2.0
3.0
mA
one channel enabled
ISD
Shutdown Current
Right and Left Enable bits set to 0
0.1
1.2
µA (max)
VOS
Output Offset Voltage
RL = 32Ω
0.5
2.5
mV (max)
[B0:B4] = 00000
–76
dB
AV
Volume Control Range
[B0:B4] = 11111
+18
dB
ΔAV
Channel-to-Channel Gain Match
±0.015
dB
AV-MUTE
Mute Gain
–76
dB
5
k
Ω (min)
Gain = 18dB
9
15
k
Ω (max)
RIN
Input Resistance
Gain = –76dB
81
k
Ω
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Typicals are measured at +25°C and represent the parametric norm.
(3)
Limits are specified to AOQL (Average Outgoing Quality Level).
(4)
Data sheet min and /max specification limits are specified by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM48821 LM48821TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com