Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8342 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM8342
Description  LM8342 Programmable TFT VCOM Calibrator with Non-Volatile Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8342 Datasheet(HTML) 2 Page - Texas Instruments

  LM8342 Datasheet HTML 1Page - Texas Instruments LM8342 Datasheet HTML 2Page - Texas Instruments LM8342 Datasheet HTML 3Page - Texas Instruments LM8342 Datasheet HTML 4Page - Texas Instruments LM8342 Datasheet HTML 5Page - Texas Instruments LM8342 Datasheet HTML 6Page - Texas Instruments LM8342 Datasheet HTML 7Page - Texas Instruments LM8342 Datasheet HTML 8Page - Texas Instruments LM8342 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM8342
SNOSAM0B – NOVEMBER 2005 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
SCL, SDA Pins
4 kV
Human Body Model
ESD Tolerance(2)
All Other Pins
2.5 kV
Machine Model
250V
VDD
5V
Supply and Reference Voltage
AVDD
20V
Storage Temperature Range
−65°C to +150°C
Junction Temperature(3)
+150°C
Infrared or Convection (20 sec.)
235°C
Soldering Information
Wave Soldering (10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specified specifications and test conditions,
see the Electrical Characteristics tables.
(2)
Human Body Model is 1.5 k
Ω in series with 100 pF. Machine Model is 0Ω in series with 200 pF.
(3)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) — TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Operating Temperature Range(2)
−40°C to 85°C
Digital Supply (VDD)
(3)
2.25V to 3.6V
Digital Supply (VDD) @ Programming
2.6V to 3.6V
Analog Reference (AVDD)
(3)
4.5V to 18V
Package Thermal Resistance
θJA
(4)
52°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specified specifications and test conditions,
see the Electrical Characteristics tables.
(2)
Programming temperature range 0°C to 70°C .
(3)
When AVDD is in the voltage range of 4.5V to 13V, the supply voltage VDD can be in 2.25V to 3.6V range. When AVDD is in the voltage
range from 13V to 18V, the supply voltage VDD is limited to the 2.6V to 3.6V range
(4)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) — TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM8342



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com