Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8342 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM8342
Description  LM8342 Programmable TFT VCOM Calibrator with Non-Volatile Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8342 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM8342 Datasheet HTML 8Page - Texas Instruments LM8342 Datasheet HTML 9Page - Texas Instruments LM8342 Datasheet HTML 10Page - Texas Instruments LM8342 Datasheet HTML 11Page - Texas Instruments LM8342 Datasheet HTML 12Page - Texas Instruments LM8342 Datasheet HTML 13Page - Texas Instruments LM8342 Datasheet HTML 14Page - Texas Instruments LM8342 Datasheet HTML 15Page - Texas Instruments LM8342 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
IOUT = IOUT_MAX x
DAC10 + 1
128
IOUT_MAX =
1
RSET
AVDD
20
x
SET
LM8342
RSET
I
2
C COMPATIBLE BUS
IOUT
CONTROLLER
DIGITAL/
ANALOG
CONVERTER
OUT
AVDD
MEMORY
+
-
LM8342
SNOSAM0B – NOVEMBER 2005 – REVISED MARCH 2013
www.ti.com
PRINCIPLE OF OPERATION OF THE LM8342
The LM8342 is an integrated combination of a digitally controlled current sink and a non-volatile register (7 bits
EEPROM). Writing data can be done using the I2C compatible interface. Data can be written to a volatile register
and can also be stored in the non-volatile EEPROM. A simplified block diagram of the LM8342 is given in
Figure 24.
Figure 24. Block Diagram of the LM8342
The maximum output current of the LM8342 can be defined using an external resistor RSET in combination with
an analog reference voltage AVDD. This maximum current can be calculated using Equation 1.
(1)
The operating range for the output current is given in the Electrical Characteristics table. Variations of the voltage
reference AVDD or the external resistor RSET will affect this output current. Using a resistor with a low temperature
coefficient is recommended.
The relative value of IOUT with respect to the maximum current can be controlled digitally in 128 steps, using the
internal DAC. This results in an output current described by Equation 2.
(2)
Using the serial interface bus the operator can store the DAC value in the LM8342s 7-bits volatile register
temporarily, or permanent in the EEPROM. During a start-up sequence the LM8342 will copy the contents of the
EEPROM to the register setting the DC value.
CONTROLLING THE DEVICE
The LM8342s current sink can be programmed using a serial interface bus. Additional functions (e.g. storing data
in the EEPROM) can be controlled in combination with external inputs. Table 1 shows the pins of the LM8342
and gives a short functional description.
Table 1. Pin Descriptions
Pin name
Function
SDA & SCL
The LM8342 output current can be controlled using the serial I2C compatible interface. This 2-
(Serial interface bus)
Wire interface uses a clock and a data signal. New values can be written to the memory, or the
current value can be read back from the device. The I2C compatible interface is discussed in
more detail in the next chapter.
AVDD
Analog reference voltage for the DAC.
VDD
Supply voltage for both the analog and digital circuitry.
SET
An external resistor RSET connected to the SET pin determines the maximum output current, see
Equation 1.
OUT
The output of the programmable current sink.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM8342



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com