Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8342 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM8342
Description  LM8342 Programmable TFT VCOM Calibrator with Non-Volatile Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8342 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM8342 Datasheet HTML 9Page - Texas Instruments LM8342 Datasheet HTML 10Page - Texas Instruments LM8342 Datasheet HTML 11Page - Texas Instruments LM8342 Datasheet HTML 12Page - Texas Instruments LM8342 Datasheet HTML 13Page - Texas Instruments LM8342 Datasheet HTML 14Page - Texas Instruments LM8342 Datasheet HTML 15Page - Texas Instruments LM8342 Datasheet HTML 16Page - Texas Instruments LM8342 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SDA
SCL
STOP
A
P
D0
D1
D2
D3
D4
D5
D6
A
R/W
1
1
1
1
0
0
1
START
DATA
SLAVE ADDRESS
D4
D3
D2
1
0
0
1
1
A
D6
D5
D1
D0
P
A
1
1
STOP
START
W
R/
SDA
SCL
LM8342
SLAVE A
SLAVE B
VDD
PULL-UP
RESISTORS
MASTER
LM8342
www.ti.com
SNOSAM0B – NOVEMBER 2005 – REVISED MARCH 2013
Table 1. Pin Descriptions (continued)
Pin name
Function
SCL-S
For in-circuit PCB testing, the LM8342 can use the additional Switched SCL signal (SCL-S) input
for applying the SCL clock signal.
WPN
“Write Protect Not” (Input) has 2 functions:
1. Prohibits programming the EEPROM, when low or left floating (Internal a pull-down resistor is
connected) When WPN is set to a low level, only the volatile register is accessible. If WPN is set
to a high level also the EEPROM is accessible. Actual writing to the EEPROM or the register is
done using the “P-bit” in the serial communication.
2. WPN switches the SCL-S clock line. When WPN is set to a high level SCL-S is connected to
SCL. The operator should turn off the original SCL clock.
WPP
Write Protect Signal (Output). This is the inverted WPN signal.
I
2C SERIAL INTERFACE BUS
The LM8342 supports an I2C compatible communication protocol, which is a bidirectional bus oriented
communication protocol. Any device that sends data on the bus is defined as a transmitter and the receiving
device as a receiver. The I2C compatible communication protocol uses 2 wires: SDA (Serial Data Line) and SCL
(Serial Clock Line). For both lines an external pull-up resistor, connected to the supply voltage, is required. The
device controlling the bus is known as the master, and the device or devices being controlled are the slaves.
Each device has its own specific address. The address of the LM8342 is 9EHEX. The master initiates the
communication and provides the clock. The LM8342 always operates as a slave. A typical system using an I2C
compatible interface bus is given in Figure 25.
Figure 25. System Using an I2C compatible Bus
The LM8342 can be used in an I2C compatible system. All specifications of the LM8342, dealing with the
interface bus, are ensured by design. Except for the bus speed, which is specified in the Electrical
Characteristics table.
KEY ASPECT OF I
2C COMPATIBLE COMMUNICATION
In this section a brief overview is presented, discussing the key aspect of I2C compatible communication.
Figure 26 shows the timing aspects of the I2C compatible serial interface.
Figure 26. Timing Diagram
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM8342



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com