Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM90 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM90
Description  LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM90 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM90 Datasheet HTML 16Page - Texas Instruments LM90 Datasheet HTML 17Page - Texas Instruments LM90 Datasheet HTML 18Page - Texas Instruments LM90 Datasheet HTML 19Page - Texas Instruments LM90 Datasheet HTML 20Page - Texas Instruments LM90 Datasheet HTML 21Page - Texas Instruments LM90 Datasheet HTML 22Page - Texas Instruments LM90 Datasheet HTML 23Page - Texas Instruments LM90 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LM90
SNIS126A – MAY 2004 – REVISED MARCH 2013
www.ti.com
D7–D0: T_CRIT setpoint temperature data. Power up default is T_CRIT = 85°C. 1 LSB = 1°C, two's complement
format.
T_CRIT HYSTERESIS REGISTER (TH)
Table 13. T_CRIT HYSTERESIS REGISTER (TH) (Read and Write Address 21h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
16
8
4
2
1
D7–D0: T_CRIT Hysteresis temperature. Power up default is TH = 10°C. 1 LSB = 1°C, maximum value = 31.
FILTER and ALERT CONFIGURE REGISTER
Table 14. FILTER and ALERT CONFIGURE REGISTER (Read and Write Address BFh):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0
0
0
0
0
Filter Level
ALERT Configure
D7-D3: is not defined defaults to "0".
D2-D1: input filter setting as defined the table below:
D2
D1
Filter Level
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
Level 2 sets maximum filtering.
D0: when set to "1" comparator mode is enabled.
MANUFACTURERS ID REGISTER
(Read Address FEh) Default value 01h.
DIE REVISION CODE REGISTER
(Read Address FFh) Default value 21h. This register will increment by 1 every time there is a revision to the die.
Application Hints
The LM90 can be applied easily in the same way as other integrated-circuit temperature sensors, and its remote
diode sensing capability allows it to be used in new ways as well. It can be soldered to a printed circuit board,
and because the path of best thermal conductivity is between the die and the pins, its temperature will effectively
be that of the printed circuit board lands and traces soldered to the LM90's pins. This presumes that the ambient
air temperature is almost the same as the surface temperature of the printed circuit board; if the air temperature
is much higher or lower than the surface temperature, the actual temperature of the of the LM90 die will be at an
intermediate temperature between the surface and air temperatures. Again, the primary thermal conduction path
is through the leads, so the circuit board temperature will contribute to the die temperature much more strongly
than will the air temperature.
To measure temperature external to the LM90's die, use a remote diode. This diode can be located on the die of
a target IC, allowing measurement of the IC's temperature, independent of the LM90's temperature. The LM90
has been optimized to measure the remote diode of a Pentium III processor as shown in Figure 15. A discrete
diode can also be used to sense the temperature of external objects or ambient air. Remember that a discrete
diode's temperature will be affected, and often dominated, by the temperature of its leads.
20
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com