Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM90 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM90
Description  LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM90 Datasheet(HTML) 1 Page - Texas Instruments

  LM90 Datasheet HTML 1Page - Texas Instruments LM90 Datasheet HTML 2Page - Texas Instruments LM90 Datasheet HTML 3Page - Texas Instruments LM90 Datasheet HTML 4Page - Texas Instruments LM90 Datasheet HTML 5Page - Texas Instruments LM90 Datasheet HTML 6Page - Texas Instruments LM90 Datasheet HTML 7Page - Texas Instruments LM90 Datasheet HTML 8Page - Texas Instruments LM90 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM90
www.ti.com
SNIS126A – MAY 2004 – REVISED MARCH 2013
LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire
Interface
Check for Samples: LM90
1
FEATURES
DESCRIPTION
The LM90 is an 11-bit digital temperature sensor with
•
Accurately Senses Die Temperature of Remote
a 2-wire System Management Bus (SMBus) serial
ICs or Diode Junctions
interface. The LM90 accurately measures its own
•
Offset Register Allows Sensing a Variety of
temperature as well as the temperature of an external
Thermal Diodes Accurately
device, such as processor thermal diode or diode
connected transistor such as the 2N3904. The
•
On-board Local Temperature Sensing
temperature
of
any
ASIC
can
be
accurately
•
10 Bit Plus Sign Remote Diode Temperature
determined using the LM90 as long as a dedicated
Data Format, 0.125°C Resolution
diode (semiconductor junction) is available on the
•
Diode Fault Detection Circuitry
target die. The LM90 remote sensor accuracy of ±3°C
is factory trimmed for the 1.008 typical non-ideality
•
T_CRIT_A Output Useful for System Shutdown
factor of the mobile Pentium III thermal diode. The
(Open Diode does not Activate T_CRIT_A)
LM90 has an Offset register to allow measuring other
•
ALERT Output Supports SMBus 2.0 Protocol
diodes
without
requiring
continuous
software
•
SMBus 2.0 Compatible Interface, Supports
management.
TIMEOUT
Activation of the ALERT output occurs when any
•
8-pin VSSOP Package
temperature goes outside a preprogrammed window
set by the HIGH and LOW temperature limit registers
APPLICATIONS
or exceeds the T_CRIT temperature limit. Activation
of the T_CRIT_A occurs when any temperature
•
System Thermal Management
exceeds the T_CRIT programmed limit. The LM90 is
(e.g. Laptop, Desktop, Workstations, Server)
pin and register compatible with the LM86, Analog
•
Electronic Test Equipment
Devices ADM1032 and Maxim MAX6657/8.
•
Office Electronics
KEY SPECIFICATIONS
•
Supply Voltage 3.0 to 3.6 V
•
Supply Current 0.8 mA (Typ)
•
Local Temp Accuracy (Includes Quantization
Error)
–
TA=25°C to 125°C, ±4.0 °C (Max)
•
Remote Diode Temp Accuracy (Includes
Quantization Error)
–
TA=30°C to 50°C, TD=60°C to 100°C, ±3.0 °C
(Max)
–
TA=0°C to 85°C, TD=25°C to 125°C, ±4.0 °C
(Max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM90 TI-LM90 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Pulse A Technitrol Comp...
LM900 PULSE-LM900 Datasheet
691Kb / 5P
700/800/900/1850 mhz coils/whips
logo
National Semiconductor ...
LM9011 NSC-LM9011 Datasheet
332Kb / 16P
Electronic Ignition Interface
LM9011M NSC-LM9011M Datasheet
332Kb / 16P
Electronic Ignition Interface
More results

Similar Description - LM90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 NSC-LM89 Datasheet
745Kb / 20P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com