Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM90 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM90
Description  LM90 ±3°C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM90 Datasheet(HTML) 4 Page - Texas Instruments

  LM90 Datasheet HTML 1Page - Texas Instruments LM90 Datasheet HTML 2Page - Texas Instruments LM90 Datasheet HTML 3Page - Texas Instruments LM90 Datasheet HTML 4Page - Texas Instruments LM90 Datasheet HTML 5Page - Texas Instruments LM90 Datasheet HTML 6Page - Texas Instruments LM90 Datasheet HTML 7Page - Texas Instruments LM90 Datasheet HTML 8Page - Texas Instruments LM90 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LM90
SNIS126A – MAY 2004 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3 V to 6.0 V
Voltage at SMBData, SMBCLK, ALERT, T_CRIT_A
−0.5 V to 6.0 V
Voltage at Other Pins
−0.3 V to (VDD + 0.3
V)
D
− Input Current
±1 mA
Input Current at All Other Pins (2)
±5 mA
Package Input Current (2)
30 mA
SMBData, ALERT, T_CRIT_A Output Sink Current
10 mA
Storage Temperature
−65°C to +150°C
Soldering Information, Lead Temperature
VSSOP Package (3)
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD Susceptibility (4)
Human Body Model
2000 V
Machine Model
200 V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to
5 mA. Parasitic components and or ESD protection circuitry are shown in the figure below for the LM90's pins. The nominal breakdown
voltage of D3 is 6.5 V. Care should be taken not to forward bias the parasitic diode, D1, present on pins: D+, D
−. Doing so by more than
50 mV may corrupt a temperature measurements.
(3)
See http://www.ti.com/packaging/ for other recommendations and methods of soldering surface mount devices.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor. Machine model, 200pF discharged directly into each pin.
Operating Ratings
Operating Temperature Range
0°C to +125°C
Electrical Characteristics Temperature Range
TMIN ≤ TA ≤ TMAX
LM90
0°C
≤ TA ≤ +85°C
Supply Voltage Range (VDD)
+3.0 V to +3.6 V
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for VDD= +3.0Vdc to 3.6Vdc. Boldface limits apply for TA = TJ = TMIN ≤
TA ≤ TMAX; all other limits TA= TJ= +25°C, unless otherwise noted.
Typical(1)
Limits(2)
Units
Parameter
Conditions
(Limit)
Temperature Error Using Local Diode
TA = +25°C to +125°C
(3)
±1.5
±4
°C (max)
Temperature Error Using Remote Diode of mobile
TA = +30°C to
TD = +25°C to
±3
°C (max)
Pentium III with typical non-ideality of 1.008. (TD is
+50°C
+100°C
the Remote Diode Junction Temperature)
TA = +0°C to +85°C
TD = +25°C to
±4
°C (max)
+125°C
Remote Diode Measurement Resolution
11
Bits
0.125
°C
Local Diode Measurement Resolution
8
Bits
1
°C
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM90 and the thermal resistance. See () for the thermal resistance to be used in the self-heating
calculation.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com