Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3535 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 15Page - Texas Instruments LM3535 Datasheet HTML 16Page - Texas Instruments LM3535 Datasheet HTML 17Page - Texas Instruments LM3535 Datasheet HTML 18Page - Texas Instruments LM3535 Datasheet HTML 19Page - Texas Instruments LM3535 Datasheet HTML 20Page - Texas Instruments LM3535 Datasheet HTML 21Page - Texas Instruments LM3535 Datasheet HTML 22Page - Texas Instruments LM3535 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LM3535
D1A D2A D3A D4A
D53
I
2C
Control
Signals
D1B/
INT
SDIO
1µF
1µF
1µF
1µF
GND
D62
C1+
C1-
C2+
C2-
SCL
D1C/
ALS
HWEN
GROUP A
GROUP B
GROUP C
PWM
O
R
VIO
VIN
VOUT
19
LM3535
www.ti.com
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.2 Typical Application
The LM3535 device is a highly integrated LED driver capable of driving 8 LEDs in parallel for large display
applications. Independent LED control allows selection of a subset of the 6 main display LEDs for partial-
illumination applications. In addition to the main bank of 6, the LM3535 is capable of driving an additional 2
independently controlled LEDs to support Indicator applications.
Figure 29. LM3535 Typical Application
8.2.1 Design Requirements
A detailed design procedure is described based on a design example. For this design example, use the
parameters listed in Table 3 as the input parameters.
Table 3. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage VIN
2.7 V to 5.5 V
LED current maximum per channel
25 mA
Operating frequency
1.33 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com