Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3535 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3535 Datasheet HTML 18Page - Texas Instruments LM3535 Datasheet HTML 19Page - Texas Instruments LM3535 Datasheet HTML 20Page - Texas Instruments LM3535 Datasheet HTML 21Page - Texas Instruments LM3535 Datasheet HTML 22Page - Texas Instruments LM3535 Datasheet HTML 23Page - Texas Instruments LM3535 Datasheet HTML 24Page - Texas Instruments LM3535 Datasheet HTML 25Page - Texas Instruments LM3535 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Zone0
Zone1
Zone2
Zone3
Zone4
1
3
4
2
2
1
1
Averager
Output
Zone
Average
1.0
1.75
3.5
4.0
2.25
2.25
1.5
ILED = ILED_FS u ZoneTarget2 = 25 mA u 5.781% | 1.45 mA
22
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Next assume that the ambient light changes to 500 LUX (corresponding to an ALS voltage of 437.5 mV). This
moves the ambient light into Zone 2 which corresponds to Zone Target Register 2 (loaded with code 0x4C) the
LED current then becomes:
(3)
8.2.2.1.3
ALS Averaging Time
The ALS averaging time is the time over which the averager block collects samples from the A/D converter and
then averages them to pass to the discriminator block (see Figure 32). Ambient light sensor samples are
averaged and then further processed by the discriminator block to provide rejection of noise and transient
signals. The averager is configurable with 8 different averaging times to provide varying amounts of noise and
transient rejection (see Figure 25). The discriminator block algorithm has a maximum latency of two averaging
cycles, therefore the averaging time selection determines the amount of delay that will exist between a steady
state change in the ambient light conditions and the associated change of the backlight illumination. For
example, the A/D converter samples the ALS inputs at 16 kHz. If the averaging time is set to 800 ms, the
averager sends the updated zone information to the discriminator every 800 ms. This zone information contains
the average of approximately 12800 samples (800 ms × 16 kHz). Due to the latency of 2 averaging cycles, when
there is a steady-state change in the ambient light, the LED current begins to transition to the appropriate target
value after approximately 1600 ms have elapsed.
The sign and magnitude of these averager outputs are used to determine whether the LM3535 should change
brightness zones. The averager block follows the following rules to make a zone transition:
•
The averager always begins with a Zone0 reading stored at start-up. If the main display LEDs are active
before the ALS block is enabled, it is recommended that the ALS-EN bit be enabled at least 3 averaging
cycles times before the ALS-ENA bit is enabled.
•
The averager always rounds down to the lower zone in the case of a non-integer zone average (1.2 rounds to
1 and 1.75 also rounds to 1). Figure 32 shows an example of how the Averager will make the zone decisions
for different ambient conditions.
Figure 32. Averager Calculation
•
The two most current averaging samples are used to make zone change decisions.
•
To make a zone change, data from three averaging cycles are needed (starting value, first transition, second
transition or rest).
•
To Increase the brightness zone, a positive averager zone output must be followed by a second positive
averager output or a repeated Averager zone. ('+' to '+' or '+' to 'Rest')
•
To decrease the brightness zone, a negative averager zone output must be followed by a second negative
averager output or a repeated Averager zone. ('-' to '-' or '-' to 'Rest')
•
In the case of two increases or decreases in the averager output, the LM3535 transitions to zone equal to the
last averager output.
Figure 33 provides a graphical representation of the behavior of the averager.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com